Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 4 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 4 Page - Analog Devices

  AD45335 Datasheet HTML 1Page - Analog Devices AD45335 Datasheet HTML 2Page - Analog Devices AD45335 Datasheet HTML 3Page - Analog Devices AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Preliminary Data Sheet
AD45335
SPECIFICATIONS
analog.com
Rev. PrA | 4 of 17
Table 1. (Continued)
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
Analog Crosstalk
1
µV-sec
Digital Feedthrough
2
nV-sec
VOLTAGE REFERENCE, REF_IN7
Input Voltage Range
1
4.096
V
Input Impedance
60
kΩ
TEMPERATURE MEASUREMENT DIODE
Peak Inverse Voltage, PIV
5
V
Cathode to anode
Forward Diode Drop, VF
0.65
0.8
V
IF = 100 µA, anode to cathode
Forward Diode Current, IF
150
µA
Anode to cathode
VF Temperature Coefficient, TC
−2.20
mV/°C
Anode to cathode
DIGITAL INPUTS
Input Current
±5
±10
µA
Input Low Voltage
0.2 × DVCC
V
Input High Voltage
0.8 × DVCC
V
Input Hysteresis (SCLK and SYNC Only)
200
mV
Input Capacitance
10
pF
POWER SUPPLY VOLTAGES
VPP
(51 × REF_IN) +
2.5
225
V
V+
4.75
5.25
V
AVCC
4.75
5.25
V
DVCC
2.7
5.25
V
POWER SUPPLY CURRENTS8
IVPP
All Channels at Full-Scale
80
92
µA/channel
All Channels at Zero-Scale
45
55
µA/channel
IV+
0.75
0.9
mA
IAVCC
17.5
20
mA
IDVCC
0.25
0.6
mA
1 See the Terminology section.
2 Linear output voltage range: 7 V to VPP – 1.5 V or 51 x REF_IN (whichever is less)
3 Outputs unloaded.
4 Linear output voltage range: 7 V to VPP – 1.5 V or 51 x REF_IN (whichever is less)
5 Ensure that TJ max is not exceeded. See the Absolute Maximum Ratings section.
6 Output shorts to ground increase the on-chip power dissipation and therefore the chip junction temperature. Operation at or above the specified maximum operation
junction temperature may impair device reliability
7 Reference input determines output voltage range. The linear output voltage range is restricted from 7 V to VPP – 1.5 V. or 51 x REF_IN (whichever is less)
8 Outputs unloaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com