Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 12 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices AD45335 Datasheet HTML 13Page - Analog Devices AD45335 Datasheet HTML 14Page - Analog Devices AD45335 Datasheet HTML 15Page - Analog Devices AD45335 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Preliminary Data Sheet
AD45335
TERMINOLOGY
analog.com
Rev. PrA | 12 of 17
Integral Nonlinearity (INL)
A measure of the maximum deviation from a straight line passing
through the endpoints of the DAC transfer function.
It is expressed as a percentage of full-scale range.
Differential Nonlinearity (DNL)
The difference between the measured change and the ideal 1 LSB
change between any two adjacent codes. A specified
DNL of ±1 LSB maximum ensures monotonicity.
Zero Code Voltage
A measure of the output voltage present at the device output with
all 0s loaded to the DAC. It includes the offset of the
DAC and the output amplifier and is expressed in V.
Offset Error
Calculated by taking two points in the linear region of the transfer
function, drawing a line through these points, and extrapolating
back to the y-axis. It is expressed in V.
Voltage Gain
Calculated from the change in output voltage for a change in code,
multiplied by 16,384, and divided by the REF_IN voltage. This is
calculated between two points in the linear section of the transfer
function.
Gain Error
A measure of the output error with all 1s loaded to the DAC, and
the difference between the ideal and actual analog output range.
Ideally, the output should be 50 × REF_IN. It is expressed as a
percentage of full-scale range.
DC Power Supply Rejection Ratio (PSRR)
A measure of the change in analog output for a change in VPP
supply voltage. It is expressed in dB, and VPP is varied ±5%.
DC Crosstalk
The dc change in the output level of one DAC at midscale in
response to a full-scale code change (all 0s to all 1s and vice versa)
and the output change of all other DACs. It is expressed in LSB.
Output Voltage Settling Time
The time taken from when the last data bit is clocked into the DAC
until the output has settled to within ±0.5 LSB of its final value.
Measured for a step change of ¼ to ¾ full scale.
Digital-to-Analog Glitch Impulse
The area of the glitch injected into the analog output when
the code in the DAC register changes state. It is specified as
the area of the glitch in nV-sec when the digital code is changed
by 1 LSB at the major carry transition (011 . . . 11 to 100 . . . 00 or
100 . . . 00 to 011 . . . 11).
Analog Crosstalk
The area of the glitch transferred to the output (VOUT) of one DAC
due to a full-scale change in the output (VOUT) of another DAC. The
area of the glitch is expressed in nV-sec.
Digital Feedthrough
A measure of the impulse injected into the analog outputs from the
digital control inputs when the part is not being written to (SYNC
is high). It is specified in nV-sec and measured with a worst-case
change on the digital input pins, for example, from all 0s to all 1s
and vice versa.
Output Noise Spectral Density
A measure of internally generated random noise. Random noise
is characterized as a spectral density (voltage per √Hz). It is
measured by loading all DACs to midscale and measuring noise at
the output. It is measured in μV/√Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com