Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 3 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 3 Page - Analog Devices

  AD45335 Datasheet HTML 1Page - Analog Devices AD45335 Datasheet HTML 2Page - Analog Devices AD45335 Datasheet HTML 3Page - Analog Devices AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Preliminary Data Sheet
AD45335
SPECIFICATIONS
analog.com
Rev. PrA | 3 of 17
VPP = 55 V to 225 V; 4.75 ≤ V+ ≤ 5.25 V; 4.75 V ≤ AVCC ≤ 5.25 V; 2.7 V ≤ DVCC ≤ 5.25 V; PGND = AGND = DGND = DAC_GND = 0 V; AVCC
and V+ must exceed REF_IN by 1.15 V minimum; 1 V ≤ REF_IN ≤ 4.096 V; –10°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DC PERFORMANCE2, 3
Resolution
14
Bits
Integral Nonlinearity (INL)
±0.1
% of FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero Code Voltage
+1
V
Output Offset Error
–1
+1
V
Offset Drift
0.5
mV/°C
Voltage Gain
49
50
51
V/V
Per channel
Gain Temperature Coefficient
–20
ppm/°C
OUTPUT CHARACTERISTICS
Output Voltage Range 4
No load
1
VPP – 1.5
V
4MΩ load to GND
1
VPP – 2.5
V
Output Impedance
50
Ω
Resistive Load5
4
MΩ
To GND
Capacitive Load
200
pF
Short-Circuit Current6
Sourcing
0.15
mA
Sinking
0.04
mA
DC Crosstalk
–4
+4
LSB
DC Power Supply Rejection (PSRR), VPP
−70
dB
Long-Term Drift
0.25
LSB
Outputs at midscale, measured over 30
days at 25°C
AC CHARACTERISTICS
Settling Time
Falling edge
¾ to ¼ Scale Step
70
µs
No load
470
µs
200 pF load
1 LSB Step
20
µs
Rising edge
¼ to ¾ Scale Step
70
µs
No load
190
µs
200 pF load
1 LSB Step
10
µs
Slew Rate
Falling edge
1.2
V/µs
No load
0.2
V/µs
200 pF load
Rising Edge
1.6
V/µs
No load
0.6
V/µs
200 pF load
–3 dB Bandwidth
30
kHz
Output Noise Spectral Density
4.5
µV/√Hz
Measured at 10 kHz
0.1 Hz to 10 Hz Output Noise Voltage
1
mV p-p
Digital-to-Analog Glitch Impulse
1 LSB change around major carry
Positive Transition
15
nV-sec
Negative Transition
8
nV-sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com