Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 8 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD45335 Datasheet HTML 4Page - Analog Devices AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Preliminary Data Sheet
AD45335
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. PrA | 8 of 17
Table 4. Pin Assignments (Continued)
Pin No.
Mnemonic
G14
VOUT28
H1
VPP
H2
VPP
H4 to H11
AGND
H13
VOUT27
J3 to J12
AGND
K1
V+
K2
V+
K3 to K14
AGND
L1
NC
L2
NC
L3 to L13
AGND
L14
DAC_GND
M1 to M12
AGND
M13
AVCC
M14
AVCC
N1
PGND
N2
PGND
N3
CATHODE
N4
ANODE
N5 to N14
AGND
P1
NC
P2
REF_IN
P3
DAC_GND
P4
RESET
P5
DVCC
P6
DGND
P7
TEST
P8
DIN
P9
SCLK
P10
SYNC
P11 to P13
AGND
P14
NC
Table 5. Pin Function Descriptions
Mnemonic
Description
AGND
Analog GND Pins.
AVCC
Analog Supply Pins.
VPP
Output Amplifier High Voltage Supply.
V+
V+ Amplifier Supply Pins.
PGND
Output Amplifier Ground Reference Pins.
DGND
Digital GND Pins.
DVCC
Digital Supply Pins.
DAC_GND
Reference GND Supply for All DACs.
REF_IN
Reference Voltage for Channel 0 to Channel 31.
VOUT0 to VOUT31
Analog Output Voltages from the 32 Channels.
ANODE
Anode of Internal Diode for Diode Temperature Measurement.
CATHODE
Cathode of Internal Diode for Diode Temperature Measurement.
SYNC
Active Low Input. This is the frame synchronization signal for the serial interface. While SYNC is low, data is transferred in upon the falling edge of SCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com