Electronic Components Datasheet Search
  English  ▼

X  

AD45335 Datasheet(PDF) 9 Page - Analog Devices

Part # AD45335
Description  32-Channel, 14-Bit DAC with Full-Scale Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD45335 Datasheet HTML 5Page - Analog Devices AD45335 Datasheet HTML 6Page - Analog Devices AD45335 Datasheet HTML 7Page - Analog Devices AD45335 Datasheet HTML 8Page - Analog Devices AD45335 Datasheet HTML 9Page - Analog Devices AD45335 Datasheet HTML 10Page - Analog Devices AD45335 Datasheet HTML 11Page - Analog Devices AD45335 Datasheet HTML 12Page - Analog Devices AD45335 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Preliminary Data Sheet
AD45335
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. PrA | 9 of 17
Table 5. Pin Function Descriptions (Continued)
Mnemonic
Description
SCLK
Serial Clock Input. Data is clocked into the shift register upon the falling edge of SCLK. The pin operates at clock speeds of up to 30 MHz. Internal pull-up
device on logic input; therefore, it can be left floating and defaults to a logic high condition.
DIN
Serial Data Input. Data must be valid upon the falling edge of SCLK.
TEST
For normal operation, tie this pin low.
RESET
Active Low Input. This pin can also be used to reset the complete device to its power-on reset conditions. Zero code is loaded to the DACs.
NC
No Connect. Do not connect to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com