Electronic Components Datasheet Search
  English  ▼

X  

7705201EC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 7705201EC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201EC Datasheet(HTML) 5 Page - Vishay Siliconix

  7705201EC Datasheet HTML 1Page - Vishay Siliconix 7705201EC Datasheet HTML 2Page - Vishay Siliconix 7705201EC Datasheet HTML 3Page - Vishay Siliconix 7705201EC Datasheet HTML 4Page - Vishay Siliconix 7705201EC Datasheet HTML 5Page - Vishay Siliconix 7705201EC Datasheet HTML 6Page - Vishay Siliconix 7705201EC Datasheet HTML 7Page - Vishay Siliconix 7705201EC Datasheet HTML 8Page - Vishay Siliconix 7705201EC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
6
4
2
0
–2
–4
–6
V+ = 15 V
V– = –15 V
100 k
10 k
1 M
Supply Current vs. Switching Frequency
I+
I–
0
–20
–40
–60
–80
–100
–120
0
–20
–40
–60
–80
–100
–120
1400
–55
1200
1000
800
600
400
200
–35
–15
5
25
45
65
105
125
85
1100
10
12
14
16
18
20
22
1000
900
800
700
600
500
400
300
200
1 k
1 M
10 M
10 k
100 k
CerDIP
Plastic
V+ = 15 V
V– = –15 V
ref. 0 dBm
V+ = 15 V
V– = –15 V
ref. 0 dBm
100 k
10 k
1 M
1 k
10 M
Off Isolation vs. Frequency
Crosstalk vs. Frequency
Switching Time vs. Temperature
Switching Time vs. Positive Supply Voltage
Temperature (
_C)
V+ = 15 V
V– = –15 V
tTRANS
tTRANS
tOPEN
tOPEN
CerDIP
Plastic
V+ = 15 V
V– = –15 V
VD = "14 V
ID(on), ID(off)
IS(off)
100 nA
10 nA
1 nA
100 pA
10 pA
–55
–35
–15
5
25
45
65
85
105
125
Temperature (
_C)
Leakages vs. Temperature
f – Frequency (Hz)
V+ – Positive Supply (V)
f – Frequency (Hz)
f – Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com