Electronic Components Datasheet Search
  English  ▼

X  

7705201EC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 7705201EC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201EC Datasheet(HTML) 3 Page - Vishay Siliconix

  7705201EC Datasheet HTML 1Page - Vishay Siliconix 7705201EC Datasheet HTML 2Page - Vishay Siliconix 7705201EC Datasheet HTML 3Page - Vishay Siliconix 7705201EC Datasheet HTML 4Page - Vishay Siliconix 7705201EC Datasheet HTML 5Page - Vishay Siliconix 7705201EC Datasheet HTML 6Page - Vishay Siliconix 7705201EC Datasheet HTML 7Page - Vishay Siliconix 7705201EC Datasheet HTML 8Page - Vishay Siliconix 7705201EC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-3
ABSOLUTE MAXIMUM RATINGS
Voltage Referenced to V–
V+
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa, VS, VD
(V–) –2 V to (V+) +2 V or
. . . . . . . . . . . . . . . . . . . . . . . .
20 mA, whichever occurs first
Current (Any Terminal, Except S or D)
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(K Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . . . .
(J and Y Suffix)
–65 to 125
_C
. . . . . . . . . . . . . .
Power Dissipation (Package)b
16-Pin CerDIPc
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LCC-20c
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX or INX exceeding V+ or V– will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads soldered or welded to PC board.
c.
Derate 12 mW/
_C above 75_C.
SPECIFICATIONSa
P
Sb l
Test Conditions
Unless Otherwise Specified
T
b
A Suffix
–55 to 125
_C
Ui
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = "10 V, IS = –200 mA
Room
Full
240
400
500
W
rDS(on) Match
DrDS(on)
–10 V < VS < 10 V
Room
6
%
Source Off
Leakage Current
IS(off)
VEN = 0 V, VS = "10 V
VD = #10 V
Room
Full
–1
–50
1
50
A
Drain Off
Lk
C
t
ID(off)
VEN = 0 V
VD = "10 V
DG508A_MIL
Room
Full
–10
–200
10
200
A
Leakage Current
ID(off)
VD = "10 V
VS = #10 V
DG509A_MIL
Room
Full
–10
–100
10
100
nA
Drain On
Lk
C
t
ID(on)
VS = VD = "10 V
DG508A_MIL
Room
Full
–10
–200
10
200
Leakage Current
ID(on)
VS = VD = "10 V
DG509A_MIL
Room
Full
–10
–100
10
100
Digital Control
Logic Input Current
It V lt
Hi h
IAH
VA = 2.4 V
Room
Full
–10
–30
–0.002
A
gp
Input Voltage High
IAH
VA = 15 V
Room
Full
0.006
10
30
mA
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
Room
Full
–10
–30
–0.002
Dynamic Characteristics
Transition Time
tTRANS
See Figure 2
Room
0.6
1.0
Break-Before-Make Time
tOPEN
See Figure 4
Room
0.2
ms
Enable Turn-On Time
tON(EN)
See Figure 3
Room
1
1.5
ms
Enable Turn-Off Time
tOFF(EN)
See Figure 3
Room
0.4
1.0
Charge Injection
Q
See Figure 5
Room
6
pC
Off Isolation
OIRR
VEN = 0 V, RL = 1 kW, CL = 15 pF
VS = 7 VRMS, f = 500 kHz
Room
68
dB
Logic Input Capacitance
Cin
f = 1 MHz
Room
8
F
Source Off Capacitance
CS(off)
VEN = 0 V, VS = 0 V, f = 140 kHz
Room
6
pF
Drain Off Capacitance
CD(off)
VEN = 0 V, VD = 0 V
f
140 kH
DG508A_MIL
Room
25
pF
Drain Off Capacitance
CD(off)
EN
,
D
f = 140 kHz
DG509A_MIL
Room
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com