Electronic Components Datasheet Search
  English  ▼

X  

7705201EC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 7705201EC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201EC Datasheet(HTML) 2 Page - Vishay Siliconix

  7705201EC Datasheet HTML 1Page - Vishay Siliconix 7705201EC Datasheet HTML 2Page - Vishay Siliconix 7705201EC Datasheet HTML 3Page - Vishay Siliconix 7705201EC Datasheet HTML 4Page - Vishay Siliconix 7705201EC Datasheet HTML 5Page - Vishay Siliconix 7705201EC Datasheet HTML 6Page - Vishay Siliconix 7705201EC Datasheet HTML 7Page - Vishay Siliconix 7705201EC Datasheet HTML 8Page - Vishay Siliconix 7705201EC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-2
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
ORDERING INFORMATION - DG508A_MIL
Temp Range
Package
Part Number
0 to 70
_C
16-Pin Plastic DIP
DG508ACJ
–25 to 85
_C
16-Pin CerDIP
DG508ABK
–40 to 85
_C
16-Pin Narrow SOIC
DG508ADY
55
125 C
16-Pin CerDIP
DG508AAK
55
125 C
16-Pin CerDIP
DG508AAK/883
55
125 C
LCC-20
DG508AAZ/883
55
125 C
16-Pin Sidebraze
7705201EA
–55 to 125
_C
16-Pin Sidebraze
7705201EC
16-Pin Flat Pack
7705201FA
16-Pin Flat Pack
7705201FC
16-Pin Sidebraze
JM38510/19007BEA
16-Pin Sidebraze
JM38510/19007BEC
TRUTH TABLE - DG508A_MIL
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
Logic “0” = VAL v 0.8 V
Logic 0 = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
Logic 1
VAH w 2.4 V
X = Don’t Care
12
DG509A_MIL
Key
V–
NC
V+
Db
S1a
S4b
S1b
S4a
NC
Da
NC
NC
S2a
A1
S2b
GND
S3a
EN
S3b
A0
910
11
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
Top View
LCC
Decoders/Drivers
A0
Da
S2b
A1
S3a
Db
S3b
EN
S4a
S4b
Dual-In-Line and SOIC
GND
V–
V+
S1a
S1b
S2a
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG509A_MIL
ORDERING INFORMATION - DG509A_MIL
Temp Range
Package
Part Number
55
125 C
16-Pin CerDIP
DG509AAK
55
125 C
16-Pin CerDIP
DG509AAK/883
–55 to 125
_C
LCC-20
DG509AAZ/883
16-Pin Sidebraze
JM38510/19008BEA
16-Pin Sidebraze
JM38510/19008BEC
TRUTH TABLE - DG509A_MIL
A1
A0
EN
On Switch
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
Logic “0” = VAL v 0.8 V
Logic 0 = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
Logic 1
VAH w 2.4 V
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com