Electronic Components Datasheet Search
  English  ▼

X  

7705201EC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 7705201EC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201EC Datasheet(HTML) 1 Page - Vishay Siliconix

  7705201EC Datasheet HTML 1Page - Vishay Siliconix 7705201EC Datasheet HTML 2Page - Vishay Siliconix 7705201EC Datasheet HTML 3Page - Vishay Siliconix 7705201EC Datasheet HTML 4Page - Vishay Siliconix 7705201EC Datasheet HTML 5Page - Vishay Siliconix 7705201EC Datasheet HTML 6Page - Vishay Siliconix 7705201EC Datasheet HTML 7Page - Vishay Siliconix 7705201EC Datasheet HTML 8Page - Vishay Siliconix 7705201EC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
www.vishay.com
S FaxBack 408-970-5600
5-1
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
(Obsolete for non-hermetic. Use DG408/409 as pin-for-pin replacements.)
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: 240 W
D TTL and CMOS Logic Compatible
D Low Power: 30 mW
D Break-Before-Make Switching
D 44-V Power Supply Rating
D Transition Time: 600 ns
D Easily Interfaced
D Low Power Consumption
D Low System Crosstalk
D Wide Analog Signal Range
D Communication Systems
D ATE
D Data Acquisition Systems
D Audio Signal Routing and Multiplexing
D Medical Instrumentation
DESCRIPTION
The DG508A_MIL, an 8-channel single-ended analog
multiplexer, is designed to connect one of eight inputs to a
common output as determined by a 3-bit binary address (A0,
A1, A2).
The DG509A_MIL, a dual 4-channel analog multiplexer, is
designed to connect one of four differential inputs to a common
output as determined by its 2-bit binary address (A0, A1) logic.
Break-before-make
switching
action
protects
against
momentary shorting of the input signals.
A channel in the on state conducts current equally well in both
directions. In the off state each channel blocks voltages up to
the power supply rails, normally 30 V peak-to-peak. An enable
(EN) function allows for device selection when several
multiplexers are used All control inputs, address (AX) and
enable (EN) are TTL or CMOS compatible over the full
specified operating temperature range.
Fabricated in the Vishay Siliconix Plus-40 process, the
absolute maximum voltage rating is extended to 44 V, allowing
increased operating headroom for standard
"15-V signal
swings and operation with
"20-V supplies. An epitaxial layer
prevents latch up.
The DG508A_MIL/509A_MIL are available in hermetic
packages.
For plastic packages, use the DG408/409 as
pin-for-pin replacements.
For applications requiring address data latching, the
DG528/529 is recommended. DG408/409 is recommended
for higher precision applications. For wideband/video routing
and multiplexing, the DG538A is recommended.
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
S3
A0
S6
D
S4
A1
S8
S7
EN
Dual-In-Line
A2
V–
GND
S1
V+
S2
S5
Decoders/Drivers
1
2
3
4
5
6
7
16
15
14
13
12
11
10
Top View
89
DG508A_MIL
Key
V–
NC
GND
S8
S1
S7
V+
S4
NC
D
NC
NC
S2
A1
S5
A2
S3
EN
S6
A0
910
11
12
13
4
5
6
7
8
1
2
319
20
14
15
16
17
18
Top View
LCC
Decoders/Drivers
DG508A_MIL


Similar Part No. - 7705201EC

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
770520 KATHREIN-770520 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
logo
TE Connectivity Ltd
770520-1 TEC-770520-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
770520-3 TEC-770520-3 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
Fenner Precision Polyme...
77052001 FENNER-77052001 Datasheet
820Kb / 2P
Precision Belting for the Wire Processing Industry
08/20
More results

Similar Description - 7705201EC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
15-Nov-93
DG506A-MIL VISHAY-DG506A-MIL Datasheet
93Kb / 8P
Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG506AMIL VISHAY-DG506AMIL Datasheet
142Kb / 9P
Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
21-Feb-00
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG506A_MIL VISHAY-DG506A_MIL_V01 Datasheet
142Kb / 9P
Single 16-Ch/Differential 8-Ch CMOS Analog Multiplexers
21-Feb-00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com