Electronic Components Datasheet Search
  English  ▼

X  

7705201EC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 7705201EC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201EC Datasheet(HTML) 4 Page - Vishay Siliconix

  7705201EC Datasheet HTML 1Page - Vishay Siliconix 7705201EC Datasheet HTML 2Page - Vishay Siliconix 7705201EC Datasheet HTML 3Page - Vishay Siliconix 7705201EC Datasheet HTML 4Page - Vishay Siliconix 7705201EC Datasheet HTML 5Page - Vishay Siliconix 7705201EC Datasheet HTML 6Page - Vishay Siliconix 7705201EC Datasheet HTML 7Page - Vishay Siliconix 7705201EC Datasheet HTML 8Page - Vishay Siliconix 7705201EC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-4
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
SPECIFICATIONSa
P
Sb l
Test Conditions
Unless Otherwise Specified
T
b
A Suffix
–55 to 125
_C
Ui
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Mind
Typc
Maxd Unit
Power Supplies
Positive Supply Current
I+
VEN = 0 V or 2.4 V
Room
1.3
2.4
mA
Negative Supply Current
I–
VEN = 0 V or 2.4 V
Room
–1.5
–0.7
mA
Notes:
a.
Refer to PROCESS OPTION FLOWCHART.
b.
Room = 25
_C, Full = as determined by the operating temperature suffix.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.
Guaranteed by design, not subject to production test.
f.
VIN = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
500
–20
–10
0
10
20
400
300
200
100
0
2.5
2.0
1.5
1.0
0.5
0
Input Switching Threshold vs. V+ and V–
Supply Voltages
500
16
–15
–15
–10
–5
0
5
10
15
14
12
10
8
6
4
2
0
450
400
350
300
250
200
150
100
50
0
–10
–5
0
5
10
15
rDS(on) vs. VD and Power Supply
rDS(on) vs. VD and Temperature
Charge Injection vs. Analog Voltage (VS)
V+, V– Positive and Negative Supplies (V)
VD – Drain Voltage (V)
”5
”10
”15
”20
V+ = 15 V
V– = –15 V
V+ = 15 V
V– = –15 V
–15
–5
5
15
"5 V
"7.5 V
"10 V
"15 V
"20 V
125
_C
25
_C
–55
_C
VD – Drain Voltage (V)
VS – Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com