Electronic Components Datasheet Search
  English  ▼

X  

MB511 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MB511
5
TYPICAL CHARACTERISTICS CURVES
Guaranteed
Operating Area
50 to 1000MHz
–20 to +5dBm
INPUT FREQUENCY fin (MHz)
TA = 25°C
VCC = 5.0V
VCC = 4.5V
VCC = 5.5V
1000
100
10
+10
0
–10
–20
–30
Guaranteed
Operating Area
50 to 500MHz
–20 to +5dBm
AMPLITUDE P
INPUT FREQUENCY fin (MHz)
TA = 25°C
VCC = 4.5V
VCC = 5.0V
VCC = 5.5V
1000
100
10
+10
0
–10
–20
–30
Figure 3. Input Sensitivity Curve (1/8 Divide Ratio)
Power Supply Voltage Dependency
Figure 4. Input Sensitivity Curve (1/2 Divide Ratio)
Power Supply Voltage Dependency
Guaranteed
Operating
Area
50 to 250MHz
–20 to +5dBm
INPUT FREQUENCY fin (MHz)
TA = 25°C
VCC = 4.5V
VCC = 5.0V
VCC = 5.5V
1000
100
10
+10
0
–10
–20
–30
ä Typ (23.0mA)
TA = 25°C
28.0
26.0
24.0
22.0
4.5
5.0
5.5
POWER SUPPLY VOLTAGE VCC (V)
Figure 5. Input Sensitivity Curve (1/1 Divide Ratio)
Power Supply Voltage Dependency
Figure 6. Power Supply Current
vs. Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com