Electronic Components Datasheet Search
  English  ▼

X  

MB511 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MB511
3
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Value
Unit
Note
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Voltage
VCC
4.5
5.0
5.5
V
Operating Temperature
TA
–40
+85
°C
Load Capacitance
CL
5
pF
Termination resistor 500
Ω
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Note
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Power Supply Current
ICC
15
23
32
mA
Except termination
output current.
Output Amplitude
VO
0.4
0.8
1.2
Vp–p
500
Ω termination,
CL = 5pF max.
1/1
f1
50
250
MHz
Min value is measured
Input Frequency
1/2
f2
50
500
MHz
Min. value is measured
with coupling capacitor of
1000pF
1/8
f3
50
1000
MHz
g
1000pF.
Input Signal Amplitude
PIN
–20
+10
dBm
50
Ω
High Level Input Voltage
S1 S2
VIH
VCC –0.7
VCC
VCC +0.5
V
Low Level Input Voltage
S1, S2
VIL
OPEN
V
Low Level Input Current
S1, S2
IIH
40
160
µA
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com