Electronic Components Datasheet Search
  English  ▼

X  

MB511 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 7 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MB511
7
PACKAGE DIMENSIONS
8-LEAD PLASTIC DUAL IN-LINE PACKAGE
(CASE No: DIP-08P-M01)
.370
) .016
– .012
9.40
) 0.40
– 0.30
.244+.010
(6.20+0.25)
INDEX
.039
) .012
– 0
0.99
) 0.30
– 0
.060
) .012
– 0
1.52
) 0.30
– 0
.035
) .014
– .012
0.89
) 0.35
– 0.30
.172(4.36) MAX
.118(3.00) MIN
.020(0.51)
MIN
.100(2.54)
TYP
.018+.003
(0.46+0.08)
.300(7.62)
TYP
.010+.002
(0.25+0.05)
15
° MAX
DImensions in
inches (millimeters)
© 1988 FUJITSU LIMITED D08006S-2C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com