Electronic Components Datasheet Search
  English  ▼

X  

MB511 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 8 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MB511
8
PACKAGE DIMENSIONS (Continued)
8-LEAD PLASTIC FLAT PACKAGE
(CASE No: FPT-08P-M01)
DImensions in
inches (millimeters)
© 1988 FUJITSU LIMITED F08002S-3C
INDEX
.250
) .010
– .008
6.35
) 0.25
– 0.20
.307+.016
(7.80+0.40)
.209+.012
(5.30+0.30)
.050(1.27)
TYP
.150(3.81)
REF
.018+.004
(0.45+0.10)
∅ .005(0.13) M
“A”
.004(0.10)
Details of “A” part
.008(0.20)
.020(0.50)
.007(0.18)
MAX
.027(0.68)
MAX
.006
) .002
– .001
0.15
) 0.05
– 0.02
.020+.008
(0.50+0.20)
.268
) .016
– .008
6.80
) 0.40
– 0.20
.089(2.25) MAX
(SEATED HEIGHT)
.002(0.05) MIN
(STAND OFF)
All Rights Reserved.
Circuit diagrams utilizing Fujitsu products are included as a means of illustrating typical
semiconductor applications. Complete information sufficient for construction purposes is
not necessarily given.
The information contained in this document has been carefully checked and is believed to
be reliable. However, Fujitsu assumes no responsibility for inaccuracies.
The information contained in this document does not convey any license under the copy-
rights, patent rights or trademarks claimed and owned by Fujitsu.
Fujitsu reserves the right to change products or specifications without notice.
No part of this publication may be copied or reproduced in any form or by any means, or
transferred to any third party without prior written consent of Fujitsu.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com