Electronic Components Datasheet Search
  English  ▼

X  

MB511 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
Sept. 1995
Edition 2.0a
Copyright
E 1995 by FUJITSU LIMITED and FUJITSU MICROELECTRONICS, INC.
MB511
1GHz HIGH SPEED PRESCALER
HIGH SPEED PRESCALER
The Fujitsu MB511 is a 1.0GHz high speed prescaler that forms a Phase Locked
Loop (PLL) circuit when combined with a Fujitsu frequency synthesizer.Based on
Fujitsu’s advanced Bipolar processing, the MB511 maintains a consistent low
power consumption of 23mA @ 5V. In addition, it can detect low amplitude input
signals with a sensitivity of –20dBm min.
The MB511 will divide the input frequency a modulus of 1, 2, or 8, and is well
suited for applications in CATV and electronically tuned TV.
FEATURES
S Wide operating frequency range:
fin = 50 to 1000MHz (vin = –20dBm)
S Maximum operating frequency depends upon a divide ratio:
1/1:
250MHz max. (Buffer through)
1/2:
500MHz max.
1/8:
1000MHz max.
S Low supply current:
23mA @5V
S High input sensitivity:
–20dBm min.
S Stable Output Amplitude:
800mVp–p (CL < 5pF)
S Wide temperature range:
TA = –40 to +85°C
S Plastic 8-pin Dual-In-Line package (Suffix: –P)
Plastic 8-pin Flat package (Suffix: –PF)
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
–0.5 to +7.0
V
Input Voltage
VIN
–0.5 to VCC +0.5
V
Output Current
IO
10
mA
Storage Temperature
TSTG
–55 to +125
°C
Note:
Permanent device damage may occur if the above Absolute Maximum Ratings are
exceeded. Functional operation should be restricted to the conditions as detailed in
the operational sections of this data sheet. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PLASTIC PACKAGE
FPT-08P-M01
PIN ASSIGNMENT
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric fields. However,
it is advised that normal precautions be taken to avoid
application of any voltage higher than maximum rated voltages
to this high impedance circuit.
PLASTIC PACKAGE
DIP-08P-M01
IN
VCC
NC
OUT
IN
S1
GND
S2
1
2
3
4
5
6
7
TOP VIEW
8


Similar Part No. - MB511

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MB51101BAN MURATA-MB51101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB51101BBN MURATA-MB51101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB51101CAN MURATA-MB51101CAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB51101CBN MURATA-MB51101CBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB51101DAN MURATA-MB51101DAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB511

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1509GV NEC-UPB1509GV Datasheet
117Kb / 16P
1GHz INPUT DIVIDE BY 2, 4, 8 PRESCALER IC FOR PORTABLE SYSTEMS
logo
Toshiba Semiconductor
TC9172AP TOSHIBA-TC9172AP Datasheet
869Kb / 22P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
fujitsu semiconductor
MB506 FUJITSU-MB506 Datasheet
63Kb / 4P
ULTRA HIGH FREQUENCY PRESCALER
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
1GHz DIVIDE-BY-248/256 PRESCALER
logo
List of Unclassifed Man...
SP4653 ETC1-SP4653 Datasheet
308Kb / 3P
1GHz 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
logo
Toshiba Semiconductor
TC9127AP TOSHIBA-TC9127AP Datasheet
835Kb / 21P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
fujitsu semiconductor
MB505-16 FUJITSU-MB505-16 Datasheet
58Kb / 4P
ULTRA HIGH FREQUENCY PRESCALER
logo
Toshiba Semiconductor
TC9171P TOSHIBA-TC9171P Datasheet
2Mb / 23P
HIGH SPEED PLL WITH BUILT-IN PRESCALER
logo
Zarlink Semiconductor I...
SP4642 ZARLINK-SP4642 Datasheet
334Kb / 3P
1GHz 첨 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
SP4633 ZARLINK-SP4633 Datasheet
235Kb / 5P
1GHz 64 NON SELF OSCILLATING PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com