Electronic Components Datasheet Search
  English  ▼

X  

MAX9985 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9985
Description  Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9985 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9985 Datasheet HTML 7Page - Maxim Integrated Products MAX9985 Datasheet HTML 8Page - Maxim Integrated Products MAX9985 Datasheet HTML 9Page - Maxim Integrated Products MAX9985 Datasheet HTML 10Page - Maxim Integrated Products MAX9985 Datasheet HTML 11Page - Maxim Integrated Products MAX9985 Datasheet HTML 12Page - Maxim Integrated Products MAX9985 Datasheet HTML 13Page - Maxim Integrated Products MAX9985 Datasheet HTML 14Page - Maxim Integrated Products MAX9985 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Dual, SiGe, High-Linearity, 700MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
14
______________________________________________________________________________________
MAX9985
5
6
4
3
23
22
24
25
10
11
VCC
13
14
15
16
35
36
34
32
31
30
GND
VCC
GND
GND
LOSEL
GND
12
33
7
21
GND
GND
C15
9
19
RFDIV
LO1
VCC
8
20
TAPDIV
GND
2
26
GND
R1
TAPMAIN
1
27
LO2
LO1
LO2
18
28
17
29
RFMAIN
L3
L2
L1
EXPOSED
PADDLE
C16
C20
C19
C21
LO
SELECT
IF MAIN
OUTPUT
IF DIV
OUTPUT
C14
VCC
RF DIV
INPUT
RF MAIN
INPUT
C1
C8
C3
C2
C4
VCC
C5
VCC
C6
C7
C18
VCC
VCC
C17
VCC
R2
T1
4:1
R3
R4
L5
L4
C10
C11
C12
C9
VCC
VCC
C13
VCC
R5
T2
4:1
R6
L6
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com