Electronic Components Datasheet Search
  English  ▼

X  

MAX9985 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9985
Description  Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9985 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9985 Datasheet HTML 2Page - Maxim Integrated Products MAX9985 Datasheet HTML 3Page - Maxim Integrated Products MAX9985 Datasheet HTML 4Page - Maxim Integrated Products MAX9985 Datasheet HTML 5Page - Maxim Integrated Products MAX9985 Datasheet HTML 6Page - Maxim Integrated Products MAX9985 Datasheet HTML 7Page - Maxim Integrated Products MAX9985 Datasheet HTML 8Page - Maxim Integrated Products MAX9985 Datasheet HTML 9Page - Maxim Integrated Products MAX9985 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Dual, SiGe, High-Linearity, 700MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Using the
Typical Application Circuit, VCC = 5.0V, PLO = 0dBm, PRF = -5dBm, fRF > fLO, fIF = 100MHz, TC = +25°C, unless other-
wise noted.)
50
60
55
70
65
75
80
700
800
900
1000
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
TC = -30°C
TC = +25°C
TC = +85°C
50
60
55
70
65
75
80
700
800
900
1000
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
PLO = -3dBm
PLO = 0dBm
PLO = +3dBm
50
60
55
70
65
75
80
700
800
900
1000
2RF-2LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 4.75V, 5.0V, 5.25V
85
75
65
55
95
700
800
900
1000
3RF-3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
TC = -30°C
TC = +85°C
TC = +25°C
85
75
65
55
95
700
800
900
1000
3RF-3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
PLO = -3dBm, 0dBm, +3dBm
85
75
65
55
95
700
800
900
1000
3RF-3LO RESPONSE vs. RF FREQUENCY
RF FREQUENCY (MHz)
PRF = -5dBm
VCC = 5.25V
VCC = 4.75V
VCC = 5.0V
19
14
13
16
15
17
18
700
1200
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
900
800
1000
1100
TC = +25°C
TC = -30°C
TC = +85°C
19
14
13
16
15
17
18
700
1200
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
900
800
1000
1100
PLO = -3dBm, 0dBm, +3dBm
19
14
13
16
15
17
18
700
1200
INPUT P1dB vs. RF FREQUENCY
RF FREQUENCY (MHz)
900
800
1000
1100
VCC = 5.0V
VCC = 4.75V
VCC = 5.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com