Electronic Components Datasheet Search
  English  ▼

X  

MAX9985 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9985
Description  Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9985 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9985 Datasheet HTML 1Page - Maxim Integrated Products MAX9985 Datasheet HTML 2Page - Maxim Integrated Products MAX9985 Datasheet HTML 3Page - Maxim Integrated Products MAX9985 Datasheet HTML 4Page - Maxim Integrated Products MAX9985 Datasheet HTML 5Page - Maxim Integrated Products MAX9985 Datasheet HTML 6Page - Maxim Integrated Products MAX9985 Datasheet HTML 7Page - Maxim Integrated Products MAX9985 Datasheet HTML 8Page - Maxim Integrated Products MAX9985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Dual, SiGe, High-Linearity, 700MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(Using the
Typical Application Circuit, no input RF or LO signals applied, VCC = 4.75V to 5.25V, TC = -40°C to +85°C. Typical values
are at VCC = 5.0V, TC = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
LO1, LO2 to GND ...............................................................±0.3V
Any Other Pins to GND...............................-0.3V to (VCC + 0.3V)
RFMAIN, RFDIV, and LO_ Input Power ..........................+20dBm
RFMAIN, RFDIV Current (RF is DC shorted to GND through
balun) ...............................................................................50mA
Continuous Power Dissipation (TC = +70°C) (Note A)
36-Pin Thin QFN (derate 26mW/°C above +70°C) .........10.8W
Operating Temperature Range ...........................-40°C to +85°C
Maximum Junction Temperature Range..........................+150°C
θJA .................................................................................+38°C/W
θJC...................................................................................7.4°C/W
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5
5.25
V
Total supply current (see Table 1 for lower
current settings)
400
440
VCC (pin 16)
80
VCC (pin 30)
80
IFM+/IFM- (total of both)
105
Supply Current
ICC
IFD+/IFD- (total of both)
105
mA
LOSEL Input High Voltage
VIH
2V
LOSEL Input Low Voltage
VIL
0.8
V
LOSEL Input Current
IIH and IIL
-10
+10
µA
AC ELECTRICAL CHARACTERISTICS
(Using the
Typical Application Circuit, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω sources, PLO = -3dBm to +3dBm,
PRF = -5dBm, fRF = 820MHz to 920MHz, fLO = 670MHz to 865MHz, fIF = 100MHz, fRF > fLO, TC = -40°C to +85°C. Typical values are at
VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 870MHz, fLO = 770MHz, fIF = 100MHz, TC = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
fRF
(Note 2)
700
1000
MHz
LO Frequency
fLO
(Note 2)
570
865
MHz
IF Frequency
fIF
IF matching components affect the IF
frequency range (Note 2)
50
250
MHz
LO Drive
PLO
(Note 3)
-3
+3
dBm
Conversion Gain
GC
(Note 6)
4.5
6
7.5
dB
Gain Variation over Temperature
-0.012
dB/°C
Conversion Gain Flatness
Flatness over any one of three frequency bands:
fRF = 824MHz to 849MHz
fRF = 869MHz to 894MHz
fRF = 880MHz to 915MHz
±0.1
dB
Note A: TC is the temperature on the exposed paddle of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com