Electronic Components Datasheet Search
  English  ▼

X  

MAX9985 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9985
Description  Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9985 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9985 Datasheet HTML 1Page - Maxim Integrated Products MAX9985 Datasheet HTML 2Page - Maxim Integrated Products MAX9985 Datasheet HTML 3Page - Maxim Integrated Products MAX9985 Datasheet HTML 4Page - Maxim Integrated Products MAX9985 Datasheet HTML 5Page - Maxim Integrated Products MAX9985 Datasheet HTML 6Page - Maxim Integrated Products MAX9985 Datasheet HTML 7Page - Maxim Integrated Products MAX9985 Datasheet HTML 8Page - Maxim Integrated Products MAX9985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Dual, SiGe, High-Linearity, 700MHz to 1000MHz
Downconversion Mixer with LO Buffer/Switch
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LO Switching Time
50% of LOSEL to IF settled within 2 degrees
(Note 3)
0.05
1
µs
RF Input Impedance
50
Ω
LO Input Impedance
50
Ω
IF Output Impedance
Differential
200
Ω
RF Input Return Loss
LO on and IF terminated
24
dB
LO port selected
35
LO Input Return Loss
LO port unselected
36
dB
IF Return Loss
RF terminated in 50Ω
20
dB
AC ELECTRICAL CHARACTERISTICS (continued)
(Using the
Typical Application Circuit, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω sources, PLO = -3dBm to +3dBm,
PRF = -5dBm, fRF = 820MHz to 920MHz, fLO = 670MHz to 865MHz, fIF = 100MHz, fRF > fLO, TC = -40°C to +85°C. Typical values are at
VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 870MHz, fLO = 770MHz, fIF = 100MHz, TC = +25°C, unless otherwise noted.) (Note 1)
Note 1: All limits reflect losses of external components. Output measurements taken at IF outputs of the
Typical Application Circuit.
Note 2: Performance is guaranteed for fRF = 820MHz to 920MHz, fLO = 670MHz to 865MHz, and fIF = 100MHz. Operation outside
this range is possible, but with degraded performance of some parameters. See the
Typical Operating Characteristics.
Note 3: Guaranteed by design and characterization.
Note 4: Measured with external LO source noise filtered so the noise floor is -174dBm/Hz. This specification reflects the effects of all
SNR degradations in the mixer including the LO noise, as defined in Maxim Application Note 2021.
Note 5: Measured at IF port at IF frequency. LOSEL may be in any logic state.
Note 6: Performance at TC = -40°C is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com