Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 12Page - SMSC Corporation USB2524 Datasheet HTML 13Page - SMSC Corporation USB2524 Datasheet HTML 14Page - SMSC Corporation USB2524 Datasheet HTML 15Page - SMSC Corporation USB2524 Datasheet HTML 16Page - SMSC Corporation USB2524 Datasheet HTML 17Page - SMSC Corporation USB2524 Datasheet HTML 18Page - SMSC Corporation USB2524 Datasheet HTML 19Page - SMSC Corporation USB2524 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.2 (07-17-06)
16
SMSC USB2524
DATASHEET
1
0
0
Internal Default Configuration
4-Wire Mode = (edge triggered)
LED Mode = 8, single color
Strap options on pins LED_A[4:1]_N are enabled.
Supports unassigned Ports
1
0
1
Internal Default Configuration
4-Wire Mode = (edge triggered)
LED Mode = 8, Dual color
Strap options on pins LED_A[4:1]_N are disabled
Supports unassigned Ports.
110
Reserved
111
Reserved
Table 5.3 Miscellaneous Pins
NAME
SYMBOL
TYPE
FUNCTION
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24MHz clock when a crystal is not used.
Note:
See Table 11.1 for the required logic voltage
levels of this pad if it will be driven by an
external clock source.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left
unconnected when an external clock source is used to
drive XTAL1/CLKIN. It must not be used to drive any
external circuitry other than the crystal circuit.
RESET Input
RESET_N
IS
This active low signal is used by the system to reset the
chip. The minimum active low pulse is 1us.
Self-Power /
Bus-Power
Detect
SELF_PWR
I
Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub
gets all power from Upstream USB VBus).
High = Self/local power source is available.
TEST Pin
TEST
IPD
Used for testing the chip. User must treat as a no-
connect or connect to ground.
Table 5.4 Power, Ground, and No Connect
NAME
SYMBOL
TYPE
FUNCTION
VDD Core
VDDCR18
+1.8V core power.
pin 20 must have a 4.7
μF (or greater) ±20% (ESR
<0.1
Ω) capacitor to VSS
VDDIO 3.3V
VDD33
+3.3V Power Supply for the Digital I/O.
Table 5.2 SMBus or EEPROM Interface Behavior (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com