Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 17 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 17 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 13Page - SMSC Corporation USB2524 Datasheet HTML 14Page - SMSC Corporation USB2524 Datasheet HTML 15Page - SMSC Corporation USB2524 Datasheet HTML 16Page - SMSC Corporation USB2524 Datasheet HTML 17Page - SMSC Corporation USB2524 Datasheet HTML 18Page - SMSC Corporation USB2524 Datasheet HTML 19Page - SMSC Corporation USB2524 Datasheet HTML 20Page - SMSC Corporation USB2524 Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
17
Revision 1.2 (07-17-06)
DATASHEET
VDD PLL
VDDPLL18
+1.8V Filtered analog power for internal PLL.
This pin must have a 4.7
μF (or greater) ±20% (ESR
<0.1
Ω) capacitor to VSS
VDD Analog
I/O
VDDA33
+3.3V Filtered analog PHY power, shared between
adjacent ports.
VSS
VSS
Ground.
NC
NC
No Connect
Table 5.5 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IPD
Input, Weak Internal pull-down.
IPU
Input, Weak Internal pull-up.
IS
Input with Schmitt trigger.
IOSD12
Open drain….12mA sink with Schmitt trigger, and must meet I2C-Bus Specification Version 2.1
requirements.
ICLKx
XTAL Clock Input
OCLKx
XTAL Clock Output
I-R
RBIAS
IO-U
Defined in USB Specification.
Note:
Meets USB 1.1 requirements when operating as a 1.1-compliant device and meets
USB2.0 requirements when operating as a 2.0-compliant device.
AIO
Analog Input/output. Per PHY test requirements.
Table 5.4 Power, Ground, and No Connect (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com