Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 18 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 14Page - SMSC Corporation USB2524 Datasheet HTML 15Page - SMSC Corporation USB2524 Datasheet HTML 16Page - SMSC Corporation USB2524 Datasheet HTML 17Page - SMSC Corporation USB2524 Datasheet HTML 18Page - SMSC Corporation USB2524 Datasheet HTML 19Page - SMSC Corporation USB2524 Datasheet HTML 20Page - SMSC Corporation USB2524 Datasheet HTML 21Page - SMSC Corporation USB2524 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.2 (07-17-06)
18
SMSC USB2524
DATASHEET
Chapter 6 Assigning Ports
There are two different (OEM selectable) methods of assigning downstream ports to upstream hosts.
One method is with the PRT_ASSIGN[4:1] interface through the use of mechanical switches or by
electrical control of the pins via an external Microcontroller’s GPIO interface. The second method is
through the SMBus interface, where the SMBus interface is used to control the switching hub during
operation and can switch downstream ports via SMBus commands.
6.1
Port Assign Interface (PRT_ASSIGN[4:1] pins)
Assigning ports to either of the upstream host controllers can be accomplished through the 4-wire
PRT_ASSIGN interface. The PRT_ASSIGN interface has three operating modes. One is called the
Embedded Mode, and the other is Peripheral Mode (with two different electrical “sub” modes; (level
triggered or edge triggered).
Note: Any change in PRT_ASSIGN pins will be ignored until the USB2524 is out of reset
6.1.1
Embedded Mode:
The four-pin interface (PRT_ASSIGN[3:0]) operates with only three of the four available pins
(PRT_ASSIGN3 is disabled in this mode), which enables a user to select one of 8 pre-determined port
assignment configurations. There are 8 “default” configurations, or an OEM can customize the
configurations through an EEPROM or SMBus code load.
Note: There is a switching delay determined by the Register D0h: Port Interface Delay Timer.
The configuration is determined by Table 6.1, "Port Assign Interface (Embedded Mode)".
Note 6.1
H1 = The USB host or hub that is connected to upstream port #1
Note 6.2
H2 = The USB host or hub that is connected to upstream port #2
Note 6.3
UA = Un-Asssigned
Table 6.1 Port Assign Interface (Embedded Mode)
PORT ASSIGN INTERFACE ENCODING
INTERNAL DEFAULT
CONFIGURATION
HOST OWNERSHIP OF
DOWNSTREAM PORTS
PRT_ASSIGN
3
PRT_ASSIGN
2
PRT_ASSIGN
1
PRT_ASSIGN
0
CONFIG
#
PORT
1
PORT
2
PORT
3
PORT
4
X
0
0
0
0
H1H1
H1H1
X
0
0
1
1
H2H2
H2H2
X
0
1
0
2
H1H1
H2H2
X
0
1
1
3
H1H1
H1H2
X
1
0
0
4
H2H2
H2H1
X
1
0
1
5
H2H1
H1H1
X1
1
0
6
H1
H1
H2
UA
X1
1
1
7
H1
H1
H1
UA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com