Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 34Page - SMSC Corporation USB2524 Datasheet HTML 35Page - SMSC Corporation USB2524 Datasheet HTML 36Page - SMSC Corporation USB2524 Datasheet HTML 37Page - SMSC Corporation USB2524 Datasheet HTML 38Page - SMSC Corporation USB2524 Datasheet HTML 39Page - SMSC Corporation USB2524 Datasheet HTML 40Page - SMSC Corporation USB2524 Datasheet HTML 41Page - SMSC Corporation USB2524 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.2 (07-17-06)
38
SMSC USB2524
DATASHEET
7.1.4.60
Register F2h: Port Assignment 3 & 4 (Reset = 0x00)
7.1.4.61
Register F3h: Port Assignment 5 & 6 (Reset = 0x00)
7.1.4.62
Register F4h: Port Assignment 7 (Reset = 0x00)
7.1.4.63
Register F5h: Port Lockout (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_ASSIGN_34 Port 3 & 4 Assignment to upstream host port. Determines which upstream port
“owns” each of the downstream ports
Bit [7:4] = ‘0000’ Port 4 is unassigned
‘0001’ Port 4 owned by UP1
‘0010’ Port 4 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
Bit [3:0] = ‘0000’ Port 3 is unassigned
‘0001’ Port 3 owned by UP1
‘0010’ Port 3 owned by UP2
‘0011’
to
‘1111’
Reserved, will default to ‘0001’ value
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_ASSIGN_56 Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_ASSIGN_7
Reserved
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PORT_LOCKOUT
Port Lockout: Locks a port to the currently assigned upstream port, and doesn’t
allow the port to be re-assigned.
‘0’ = port is available to be switched
‘1’ = port is locked to the assigned port.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= 1; Port 4 is locked.
Bit 3= 1; Port 3 is locked.
Bit 2= 1; Port 2 is locked.
Bit 1= 1; Port 1 is locked.
Bit 0 is Reserved, always = ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com