Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitch Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB2524 Datasheet HTML 20Page - SMSC Corporation USB2524 Datasheet HTML 21Page - SMSC Corporation USB2524 Datasheet HTML 22Page - SMSC Corporation USB2524 Datasheet HTML 23Page - SMSC Corporation USB2524 Datasheet HTML 24Page - SMSC Corporation USB2524 Datasheet HTML 25Page - SMSC Corporation USB2524 Datasheet HTML 26Page - SMSC Corporation USB2524 Datasheet HTML 27Page - SMSC Corporation USB2524 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.2 (07-17-06)
24
SMSC USB2524
DATASHEET
7.1.4.8
Register 07h: Configuration Data Byte 2 (Reset = 0x00)
7.1.4.9
Register 08h: Configuration Data Byte 3 (Reset = 0x00)
BIT
NUMBER
BIT NAME
DESCRIPTION
7
DYNAMIC
Dynamic Power Enable: Controls the ability of the Hub to automatically
change from Self-Powered operation to Bus- Powered operation if the local
power source is removed or is unavailable (and from Bus-Powered to Self-
Powered if the local power source is restored). {Note: If the local power source
is available, the Hub will always switch to Self-Powered operation.}
When Dynamic Power switching is enabled, the Hub detects the availability of
a local power source by monitoring the external SELF_PWR pin. If the Hub
detects a change in power source availability, the Hub immediately
disconnects and removes power from all downstream devices and disconnects
the upstream port. The Hub will then re-attach to the upstream port as either
a Bus-Powered Hub (if local-power in unavailable) or a Self-Powered Hub (if
local power is available).
0 = No Dynamic auto-switching.
1 = Dynamic Auto-switching capable.
6
Reserved
Reserved
5:4
OC_TIMER
OverCurrent Timer: Over Current Timer delay.
00 = 0.1ms
01 = 2ms
10 = 4ms
11 = 6ms
3
COMPOUND
Compound Device: Allows the OEM to indicate that the Hub is part of a
compound (see the USB Specification for definition) device. The applicable
port(s) must also be defined as having a “Non-Removable Device”.
Note: When configured via strapping options, declaring a port as non-
removable automatically causes the hub controller to report that it is part of a
compound device.
0 = No.
1 = Yes, Hub is part of a compound device.
2:1
Reserved
Reserved
0
BOOST_IOUT
Upstream USB electrical signaling drive strength Boost Bit.
Note:
This is used for long-trace length designs where additional electrical
signal boost may be required to support standard USB signal levels
at the far end of a cable.
‘0’ = Normal electrical drive strength.
‘1’ = Elevated electrical drive strength.
BIT
NUMBER
BIT NAME
DESCRIPTION
7:6
PRT_ASSIGN_MODE Port Assignment Interface Mode:
‘00’ = Port Assign Interface is configured for Programmable Mode (8
configurations) (3-wire)
‘01’ = Port Assign Interface is configured for Direct Port Control. (4-Wire), Level
Sensitive.
‘10’ = Port Assign Interface is configured for Direct Port Control. (4-Wire), edge
Sensitive, and Unassigned state is not supported.
‘11’ = Port Assign Interface is configured for Direct Port Control. (4-Wire), edge
Sensitive, and the Unassigned state is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com