Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 91 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments AM69 Datasheet HTML 90Page - Texas Instruments AM69 Datasheet HTML 91Page - Texas Instruments AM69 Datasheet HTML 92Page - Texas Instruments AM69 Datasheet HTML 93Page - Texas Instruments AM69 Datasheet HTML 94Page - Texas Instruments AM69 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 300 page
background image
Table 6-6. DDRSS1 Signal Descriptions (continued)
SIGNAL NAME [1] ((2))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR1_DQS0P
IO
DDRSS Data Strobe
A16
DDR1_DQS1N
IO
DDRSS Complimentary Data Strobe
A14
DDR1_DQS1P
IO
DDRSS Data Strobe
A13
DDR1_DQS2N
IO
DDRSS Complimentary Data Strobe
A9
DDR1_DQS2P
IO
DDRSS Data Strobe
A8
DDR1_DQS3N
IO
DDRSS Complimentary Data Strobe
A4
DDR1_DQS3P
IO
DDRSS Data Strobe
A3
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS0, DDRSS1, DDRSS2, and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to the DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_*
and DDR1_* interfaces, and so forth.
Table 6-7. DDRSS2 Signal Descriptions
SIGNAL NAME [1] ((2)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR2_CKN
IO
DDRSS Differential Clock (negative)
K1
DDR2_CKP
IO
DDRSS Differential Clock (positive)
L2
DDR2_RESETn
IO
DDRSS Reset
J5
DDR2_RET
I
DDR Retention Enable
L8
DDR2_CA0
IO
DDRS Command Address
K3
DDR2_CA1
IO
DDRS Command Address
L3
DDR2_CA2
IO
DDRS Command Address
K5
DDR2_CA3
IO
DDRS Command Address
L4
DDR2_CA4
IO
DDRS Command Address
K4
DDR2_CA5
IO
DDRS Command Address
L7
DDR2_CAL0 (1)
A
DDRSS IO Pad Calibration Resistor
U7
DDR2_CKE0
IO
DDR Clock Enable
L6
DDR2_CKE1
IO
DDR Clock Enable
J2
DDR2_CSn0_0
IO
DDRSS Chip Select
J3
DDR2_CSn0_1
IO
DDRSS Chip Select
J6
DDR2_CSn1_0
IO
DDRSS Chip Select
J7
DDR2_CSn1_1
IO
DDRSS Chip Select
K7
DDR2_DM0
IO
DDRSS Data Mask
T2
DDR2_DM1
IO
DDRSS Data Mask
M6
DDR2_DM2
IO
DDRSS Data Mask
G4
DDR2_DM3
IO
DDRSS Data Mask
D5
DDR2_DQ0
IO
DDRSS Data
T4
DDR2_DQ1
IO
DDRSS Data
R6
DDR2_DQ2
IO
DDRSS Data
R3
DDR2_DQ3
IO
DDRSS Data
R4
DDR2_DQ4
IO
DDRSS Data
P6
DDR2_DQ5
IO
DDRSS Data
P5
DDR2_DQ6
IO
DDRSS Data
T5
DDR2_DQ7
IO
DDRSS Data
R7
DDR2_DQ8
IO
DDRSS Data
N2
DDR2_DQ9
IO
DDRSS Data
N4
DDR2_DQ10
IO
DDRSS Data
P2
DDR2_DQ11
IO
DDRSS Data
P3
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com