Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 94 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 94 Page - Texas Instruments

Back Button AM69 Datasheet HTML 90Page - Texas Instruments AM69 Datasheet HTML 91Page - Texas Instruments AM69 Datasheet HTML 92Page - Texas Instruments AM69 Datasheet HTML 93Page - Texas Instruments AM69 Datasheet HTML 94Page - Texas Instruments AM69 Datasheet HTML 95Page - Texas Instruments AM69 Datasheet HTML 96Page - Texas Instruments AM69 Datasheet HTML 97Page - Texas Instruments AM69 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 300 page
background image
Table 6-8. DDRSS3 Signal Descriptions (continued)
SIGNAL NAME [1] ((2)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR3_DQS1N
IO
DDRSS Complimentary Data Strobe
A22
DDR3_DQS1P
IO
DDRSS Data Strobe
A21
DDR3_DQS2N
IO
DDRSS Complimentary Data Strobe
A27
DDR3_DQS2P
IO
DDRSS Data Strobe
A26
DDR3_DQS3N
IO
DDRSS Complimentary Data Strobe
A30
DDR3_DQS3P
IO
DDRSS Data Strobe
A29
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS0, DDRSS1, DDRSS2, and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to the DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_*
and DDR1_* interfaces, and so forth.
(3)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
6.3.3 GPIO
6.3.3.1 MAIN Domain
Table 6-9. GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
GPIO0_0
IO
General Purpose Input/Output
AN35
GPIO0_1
IO
General Purpose Input/Output
AG36
GPIO0_2
IO
General Purpose Input/Output
AJ33
GPIO0_3
IO
General Purpose Input/Output
AF33
GPIO0_4
IO
General Purpose Input/Output
AH33
GPIO0_5
IO
General Purpose Input/Output
AG33
GPIO0_6
IO
General Purpose Input/Output
AK36
GPIO0_7
IO
General Purpose Input/Output
AG34
GPIO0_8
IO
General Purpose Input/Output
AJ35
GPIO0_9
IO
General Purpose Input/Output
AH34
GPIO0_10
IO
General Purpose Input/Output
AE33
GPIO0_11
IO
General Purpose Input/Output
AL32
GPIO0_12
IO
General Purpose Input/Output
AK37
GPIO0_13
IO
General Purpose Input/Output
AJ34
GPIO0_14
IO
General Purpose Input/Output
AK35
GPIO0_15
IO
General Purpose Input/Output
AK38
GPIO0_16
IO
General Purpose Input/Output
AF37
GPIO0_17
IO
General Purpose Input/Output
AG37
GPIO0_18
IO
General Purpose Input/Output
AK33
GPIO0_19
IO
General Purpose Input/Output
AC32
GPIO0_20
IO
General Purpose Input/Output
AC37
GPIO0_21
IO
General Purpose Input/Output
AD37
GPIO0_22
IO
General Purpose Input/Output
AE37
GPIO0_23
IO
General Purpose Input/Output
AC36
GPIO0_24
IO
General Purpose Input/Output
AE36
GPIO0_25
IO
General Purpose Input/Output
AF38
GPIO0_26
IO
General Purpose Input/Output
AE38
GPIO0_27
IO
General Purpose Input/Output
AJ37
GPIO0_28
IO
General Purpose Input/Output
AH38
GPIO0_29
IO
General Purpose Input/Output
AC33
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
94
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com