Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 92 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 92 Page - Texas Instruments

Back Button AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments AM69 Datasheet HTML 90Page - Texas Instruments AM69 Datasheet HTML 91Page - Texas Instruments AM69 Datasheet HTML 92Page - Texas Instruments AM69 Datasheet HTML 93Page - Texas Instruments AM69 Datasheet HTML 94Page - Texas Instruments AM69 Datasheet HTML 95Page - Texas Instruments AM69 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 300 page
background image
Table 6-7. DDRSS2 Signal Descriptions (continued)
SIGNAL NAME [1] ((2)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR2_DQ12
IO
DDRSS Data
M7
DDR2_DQ13
IO
DDRSS Data
N5
DDR2_DQ14
IO
DDRSS Data
M4
DDR2_DQ15
IO
DDRSS Data
M3
DDR2_DQ16
IO
DDRSS Data
F3
DDR2_DQ17
IO
DDRSS Data
G7
DDR2_DQ18
IO
DDRSS Data
H6
DDR2_DQ19
IO
DDRSS Data
H4
DDR2_DQ20
IO
DDRSS Data
G2
DDR2_DQ21
IO
DDRSS Data
H3
DDR2_DQ22
IO
DDRSS Data
G5
DDR2_DQ23
IO
DDRSS Data
F2
DDR2_DQ24
IO
DDRSS Data
E4
DDR2_DQ25
IO
DDRSS Data
D2
DDR2_DQ26
IO
DDRSS Data
F6
DDR2_DQ27
IO
DDRSS Data
F5
DDR2_DQ28
IO
DDRSS Data
E3
DDR2_DQ29
IO
DDRSS Data
E7
DDR2_DQ30
IO
DDRSS Data
E6
DDR2_DQ31
IO
DDRSS Data
D4
DDR2_DQS0N
IO
DDRS Complimentary Data Strobe
R1
DDR2_DQS0P
IO
DDRS Data Strobe
T1
DDR2_DQS1N
IO
DDRS Complimentary Data Strobe
M1
DDR2_DQS1P
IO
DDRS Data Strobe
N1
DDR2_DQS2N
IO
DDRS Complimentary Data Strobe
G1
DDR2_DQS2P
IO
DDRS Data Strobe
H1
DDR2_DQS3N
IO
DDRS Complimentary Data Strobe
D1
DDR2_DQS3P
IO
DDRS Data Strobe
E1
(1)
An external 240 Ω ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
DDRSS0, DDRSS1, DDRSS2, and DDRSS3 must always be used in incremental order. For instance, when using a single LPDDR
component, it must be connected to the DDR0_* interface. When using two LPDDR components, they must be connected to DDR0_*
and DDR1_* interfaces, and so forth.
(3)
DDRSS2, DDRSS3, and SERDES2 are not available on the 27mm package variant of this SoC. DDRSS2/DDRSS3/SERDES2 should
be avoided if software compatibility is desired with systems that use the 27mm package.
Table 6-8. DDRSS3 Signal Descriptions
SIGNAL NAME [1] ((2)) ((3))
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DDR3_CKN
IO
DDRSS Differential Clock (negative)
B25
DDR3_CKP
IO
DDRSS Differential Clock (positive)
A24
DDR3_RESETn
IO
DDRSS Reset
C23
DDR3_RET
I
DDR Retention Enable
G27
DDR3_CA0
IO
DDRSS Command Address
D25
DDR3_CA1
IO
DDRSS Command Address
B23
DDR3_CA2
IO
DDRSS Command Address
D24
DDR3_CA3
IO
DDRSS Command Address
C24
DDR3_CA4
IO
DDRSS Command Address
E23
DDR3_CA5
IO
DDRSS Command Address
F23
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
www.ti.com
92
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com