Electronic Components Datasheet Search
  English  ▼

X  

AM69 Datasheet(PDF) 105 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM69 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments AM69 Datasheet HTML 107Page - Texas Instruments AM69 Datasheet HTML 108Page - Texas Instruments AM69 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 300 page
background image
Table 6-59. UART8 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART8_TXD
O
UART Transmit Data
AB36, AK38, AL33, AN38
Table 6-60. UART9 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
UART9_CTSn
I
UART Clear to Send (active low)
AK33, AK37
UART9_RTSn
O
UART Request to Send (active low)
AC34, AJ34
UART9_RXD
I
UART Receive Data
AC32, AG34
UART9_TXD
O
UART Transmit Data
AC37, AK36
6.3.8.2 MCU Domain
Table 6-61. MCU_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_UART0_CTSn
I
UART Clear to Send (active low)
F33, H37
MCU_UART0_RTSn
O
UART Request to Send (active low)
G33, K37
MCU_UART0_RXD
I
UART Receive Data
D31, K38, M38
MCU_UART0_TXD
O
UART Transmit Data
G31, J37, L33
6.3.8.3 WKUP Domain
Table 6-62. WKUP_UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
WKUP_UART0_CTSn
I
UART Clear to Send (active low)
L37
WKUP_UART0_RTSn
O
UART Request to Send (active low)
L36
WKUP_UART0_RXD
I
UART Receive Data
K35
WKUP_UART0_TXD
O
UART Transmit Data
K34
6.3.9 MDIO
6.3.9.1 MAIN Domain
Table 6-63. MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MDIO0_MDC
O
MDIO Clock
AD38
MDIO0_MDIO
IO
MDIO Data
AD33
Table 6-64. MDIO1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MDIO1_MDC
O
MDIO Clock
AE37
MDIO1_MDIO
IO
MDIO Data
AC36
6.3.9.2 MCU Domain
Table 6-65. MCU_MDIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
MCU_MDIO0_MDC
O
MDIO Clock
A36
MCU_MDIO0_MDIO
IO
MDIO Data
B35
www.ti.com
AM69A, AM69
SPRSP92A – FEBRUARY 2023 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com