Electronic Components Datasheet Search
  English  ▼

X  

AD9784 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9784 Datasheet HTML 31Page - Analog Devices AD9784 Datasheet HTML 32Page - Analog Devices AD9784 Datasheet HTML 33Page - Analog Devices AD9784 Datasheet HTML 34Page - Analog Devices AD9784 Datasheet HTML 35Page - Analog Devices AD9784 Datasheet HTML 36Page - Analog Devices AD9784 Datasheet HTML 37Page - Analog Devices AD9784 Datasheet HTML 38Page - Analog Devices AD9784 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Preliminary Technical Data
AD9784
Rev. PrC | Page 35 of 52
FILTERED INTERPOLATION IMAGES
fS/8 MODULATION
fS/4 MODULATION
Figure 58. Complex Modulation with Negative Frequency Aliasing
DUAL CHANNEL COMPLEX MODULATION WITH
HILBERT
Table 34.
HILBERT
Mode
0
Hilbert transform off
1
Hilbert transform on
When complex modulation is performed, the entire spectrum is
translated by the modulation factor. If the resulting modulated
spectrum is not mirror symmetric about dc, when the DAC
synthesizes the modulated signal, negative frequency compo-
nents will fall on the positive frequency axis and can cause
destructive summation of the signals. For some applications,
this can be seen as distorting the modulated output signal.
Re
Im
f
Re
Im
f
Re
Im
f
Re
Im
f
00
00
A/2
A/2
A/2
A/2
A
A
A/2
A/2
A/2
A/2
A/2
A/2
A/2
A/2
X = Ae j2π(f + fm)t
Y = Ae j2π(f + fm)t – π/2
Z = HILBERT(Y)
C = X – Z
Figure 59. Negative Frequency Image Rejection
By performing a second complex modulation with a modu-
lating signal having a fixed π/2 phase difference, Figure 59 (Y),
relative to the original complex modulation signal, Figure 59
(X), taking the Hilbert transform of the new resulting complex
modulation, and subtracting it from the original complex mod-
ulation output all negative frequency components can be folded
in phase to the positive frequency axis before being synthesized
by the DAC. When the DAC synthesizes the modulated output
there are no negative frequency components to fold onto the
positive frequency axis out of phase; consequently no distortion
is produced as a result of the modulation process.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–150
0
–50
–100
ALIASED NEGATIVE FREQUENCY INTERPOLATION IMAGES
Figure 60. Negative Frequency Aliasing Distortion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com