Electronic Components Datasheet Search
  English  ▼

X  

AD9784 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9784 Datasheet HTML 25Page - Analog Devices AD9784 Datasheet HTML 26Page - Analog Devices AD9784 Datasheet HTML 27Page - Analog Devices AD9784 Datasheet HTML 28Page - Analog Devices AD9784 Datasheet HTML 29Page - Analog Devices AD9784 Datasheet HTML 30Page - Analog Devices AD9784 Datasheet HTML 31Page - Analog Devices AD9784 Datasheet HTML 32Page - Analog Devices AD9784 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Preliminary Technical Data
AD9784
Rev. PrC | Page 29 of 52
MODULATION MODES
Table 29. Single Channel Modulation
MODDUAL
CHANNEL
MOD[1]
MOD[0]
Mode
0
0
0
0
I Channel, no modulation
0
0
0
1
I Channel, modulation by fDAC/2
0
0
1
0
I Channel, modulation by fDAC/4
0
0
1
1
I Channel, modulation by fDAC/8
0
1
0
0
Q Channel, no modulation
0
1
0
1
Q Channel, modulation by fDAC/2
0
1
1
0
Q Channel, modulation by fDAC/4
0
1
1
1
Q Channel, modulation by fDAC/8
Either channel of the AD9784’s interpolation filter channels can
be routed to the DAC and modulated. In single channel
operation the input data may be modulated by a real sinusoid;
the input data and the modulating sinusoid will contain both
positive and negative frequency components. A double
sideband output results when modulating two real signals. At
the DAC output the positive and negative frequency
components will add in phase resulting in constructive signal
summation.
As the modulating sinusoidal frequency becomes a larger
fraction of the DAC update rate, fDAC, the more the sinc function
of the DAC shapes the modulated signal bandwidth, and the
closer the first image moves. As the AD9784 interpolation
filter’s pass band represents a large portion of the input data’s
Nyquist band, under certain modulation and interpolation
modes it is possible for modulated signal bands to touch or
overlap images if sufficient interpolation is not used.
Figure 48 shows the effect of real modulation under all
interpolation modes. The sinc shaping at the corners of the
modulated signal band and the bandwidth to the first image for
those cases whose pass bands do not touch or overlap are
tabulated.
Table 30.
Interpolation
Modulation
None
×2
×4
×8
none
fSIN
2 fSIN
4 fSIN
8 fSIN
fDAC/2
fSIN
2 fSIN
4 fSIN
8 fSIN
fDAC/4
Overlap
Touching
2 fSIN
4 fSIN
fDAC/8
Overlap
Overlap
Touching
6 fSIN
Table 31.
Interpolation
Modulation
None
×2
×4
×8
None
0
0
0
0
–2.8241
–0.6708
–0.1657
–0.0413
fDAC/2
–0.0701
–1.1932
–2.3248
–3.0590
–22.5378
–9.1824
–6.1190
–4.9337
fDAC/4
Overlap
Touching
–0.2921
–0.5974
–1.9096
–1.3607
fDAC/8
Overlap
Overlap
Touching
–0.0727
–0.4614
Modulated pass band edges sinc shaping(lower/upper).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com