Electronic Components Datasheet Search
  English  ▼

X  

AD9784 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9784 Datasheet HTML 30Page - Analog Devices AD9784 Datasheet HTML 31Page - Analog Devices AD9784 Datasheet HTML 32Page - Analog Devices AD9784 Datasheet HTML 33Page - Analog Devices AD9784 Datasheet HTML 34Page - Analog Devices AD9784 Datasheet HTML 35Page - Analog Devices AD9784 Datasheet HTML 36Page - Analog Devices AD9784 Datasheet HTML 37Page - Analog Devices AD9784 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
AD9784
Preliminary Technical Data
Rev. PrC | Page 34 of 52
POWER DISSIPATION
The AD9784 has seven power supply domains: two 3.3 V analog
domains (AVDD1 and AVDD2), two 2.5 V analog domains
(ADVDD and ACVDD), one 2.5 V clock domain (CLKVDD),
and two digital domains (DVDD, which runs from 2.5 V, and
DRVDD, which can run from 2.5 V or 3.3 V).
The current needed for the 3.3 V analog supplies, AVDD1 and
AVDD2, is consistent across speed and varying modes of the
AD9784. Nominally, the current for AVDD1 is 29 mA across all
speeds and modes, while the current for AVDD2 is 20 mA.
The current for the 2.5 V analog supplies and the digital
supplies varies depending on speed and mode of operation.
Figure 55, Figure 56, and Figure 57 show this variation. Note
that CLKVDD, ADVDD, and ACVDD vary with clock speed
and interpolation rate, but not with modulation rate.
FDATA (MSPS)
250
0
25
50
75
100
125
150
175
200
225
0
425
325
300
275
250
225
200
175
400
375
350
150
125
100
75
50
25
1×
2×
2× fs/4
2× fs/8
4×
4× fs/4
4× fs/8
8×
8× fs/4
8× fs/8
Figure 55. DVDD Supply Current vs. Clock Speed, Interpolation, and
Modulation Rates
FDATA (MSPS)
250
0
25
50
75
100
125
150
175
200
225
0
60
50
40
30
20
10
2×
1×
4×
8×
Figure 56. CLKVDD Supply Current vs. Clock Speed and Interpolation Rates
FDATA (MSPS)
250
0
25
50
75
100
125
150
175
200
225
0
30
25
20
15
10
5
2×
1×
4×
8×
Figure 57. ADVDD and ACVDD Supply Current vs. Clock Speed and
Interpolation Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com