Electronic Components Datasheet Search
  English  ▼

X  

AD9784 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 3 Page - Analog Devices

  AD9784 Datasheet HTML 1Page - Analog Devices AD9784 Datasheet HTML 2Page - Analog Devices AD9784 Datasheet HTML 3Page - Analog Devices AD9784 Datasheet HTML 4Page - Analog Devices AD9784 Datasheet HTML 5Page - Analog Devices AD9784 Datasheet HTML 6Page - Analog Devices AD9784 Datasheet HTML 7Page - Analog Devices AD9784 Datasheet HTML 8Page - Analog Devices AD9784 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Preliminary Technical Data
AD9784
Rev. PrC | Page 3 of 52
PRODUCT HIGHLIGHTS
1.
The AD9784 is a member of a high speed interpolating
TxDAC+ family with 16-/14-/12-bit resolutions.
2.
2×/4×/8× user selectable interpolating filter eases data rate
and output signal reconstruction filter requirements.
3.
200 MSPS input data rate.
4.
Ultrahigh speed 500 MSPS DAC conversion rate.
5.
Internal PLL/clock divider provides data rate clock for easy
interfacing.
6.
Flexible clock with single-ended or differential input:
CMOS, 1 V p-p sine wave and LVPECL capability.
7.
Complete CMOS DAC function operates from a 2.7 V to
3.6 V single analog (AVDD) supply and a 2.5 V (DVDD)
digital supply. The DAC full-scale current can be reduced
for lower power operation, and a sleep mode is provided
for low-power idle periods.
8.
On-chip voltage reference: The AD9784 includes a 1.20 V
temperature-compensated band gap voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com