Electronic Components Datasheet Search
  English  ▼

X  

AD9784 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9784
Description  14-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9784 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9784 Datasheet HTML 14Page - Analog Devices AD9784 Datasheet HTML 15Page - Analog Devices AD9784 Datasheet HTML 16Page - Analog Devices AD9784 Datasheet HTML 17Page - Analog Devices AD9784 Datasheet HTML 18Page - Analog Devices AD9784 Datasheet HTML 19Page - Analog Devices AD9784 Datasheet HTML 20Page - Analog Devices AD9784 Datasheet HTML 21Page - Analog Devices AD9784 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
AD9784
Preliminary Technical Data
Rev. PrC | Page 18 of 52
MSB/LSB TRANSFERS
The AD9784 serial port can support both most significant bit
(MSB) first or least significant bit (LSB) first data formats. This
functionality is controlled by register address DATADIR
(00h[6]). The default is MSB first. When this bit is set active
high, the AD9784 serial port is in LSB first format. That is, if the
AD9784 is in LSB first mode, the instruction byte must be
written from least significant bit to most significant bit.
Multibyte data transfers in MSB format can be completed by
writing an instruction byte that includes the register address of
the most significant byte. In MSB first mode, the serial port
internal byte address generator decrements for each byte
required of the multibyte communication cycle. Multibyte data
transfers in LSB first format can be completed by writing an
instruction byte that includes the register address of the least
significant byte. In LSB first mode, the serial port internal byte
address generator increments for each byte required of the
multibyte communication cycle.
The AD9784 serial port controller address will increment from
1Fh to 00h for multibyte I/O operations if the MSB first mode is
active. The serial port controller address will decrement from
00h to 1Fh for multibyte I/O operations if the LSB first mode is
active.
NOTES ON SERIAL PORT OPERATION
The AD9784 serial port configuration bits reside in Bits 6 and 7
of register address 00h. It is important to note that the
configuration changes immediately upon writing to the last bit
of the register. For multibyte transfers, writing to this register
may occur during the middle of communication cycle. Care
must be taken to compensate for this new configuration for the
remaining bytes of the current communication cycle.
The same considerations apply to setting the software reset,
SWRST (00h[5]) bit. All other registers are set to their default
values but the software reset doesn’t affect the bits in register
address 00h and 04h.
It is recommended to use only single byte transfers when
changing serial port configurations or initiating a software
reset.
R/W N1
N0 A4A 3A
2A
1A
0
D7 D6N D5N
D00
D10
D20
D30
D7 D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
Figure 30. Serial Register Interface Timing MSB First
A0
A1
A2
A3 A4
N0
N1 R/W D00 D10 D20
D7N
D6N
D5N
D4N
D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
Figure 31. Serial Register Interface Timing LSB First
INSTRUCTION BIT 6
INSTRUCTION BIT 7
CSB
SCLK
SDIO
tDS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 32. Timing Diagram for Register Write
DATA BIT n–1
DATA BIT n
CSB
SCLK
SDIO
SDO
tDV
Figure 33. Timing Diagram for Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com