Electronic Components Datasheet Search
  English  ▼

X  

USB97C210 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 6Page - SMSC Corporation USB97C210 Datasheet HTML 7Page - SMSC Corporation USB97C210 Datasheet HTML 8Page - SMSC Corporation USB97C210 Datasheet HTML 9Page - SMSC Corporation USB97C210 Datasheet HTML 10Page - SMSC Corporation USB97C210 Datasheet HTML 11Page - SMSC Corporation USB97C210 Datasheet HTML 12Page - SMSC Corporation USB97C210 Datasheet HTML 13Page - SMSC Corporation USB97C210 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 10
Revision 1.5 (11-05-03)
DATASHEET
Chapter 3 Pin Configurations
3.1
128 Pin VTQFP
USB97C210
32
64
96
1
MA1
MA2
MA3
VDDIO
MA4
MA5
MA6
MA7
MA8
MA9
MA10
MA11
MA12
VDDCORE
MA13
MA14
MA15
MD0
MD1
MD2
MD3
MD4
VSSIO
MD5
MD6
MD7
nMRD
nMWR
nMCE
nIOW
nIOR
MS_INS
nTEST1
nTEST0
nRESET
SM_nCD
SM_nB/R
SM_nWPS
SM_nCE
SM_nWP
SM_nWE
SM_nRE
SM_CLE
SM_ALE
SM_D7
SM_D6
SM_D5
VDDCORE
SM_D4
VSSIO
SM_D3
SM_D2
SM_D1
SM_D0
VDDIO
CF_SA2
CF_SA1
CF_SA0
CF_nCS1
CF_nCS0
CF_nRESET
CF_nIOW
CF_nIOR
CF_IORDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com