Electronic Components Datasheet Search
  English  ▼

X  

USB97C210 Datasheet(PDF) 24 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 24 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 16Page - SMSC Corporation USB97C210 Datasheet HTML 17Page - SMSC Corporation USB97C210 Datasheet HTML 18Page - SMSC Corporation USB97C210 Datasheet HTML 19Page - SMSC Corporation USB97C210 Datasheet HTML 20Page - SMSC Corporation USB97C210 Datasheet HTML 21Page - SMSC Corporation USB97C210 Datasheet HTML 22Page - SMSC Corporation USB97C210 Datasheet HTML 23Page - SMSC Corporation USB97C210 Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 24
Revision 1.5 (11-05-03)
DATASHEET
Chapter 8 Typical Application
GPIO9
D1
LED
VDDCF
VDDCF
VDD
MA10
J2 Smart_Media
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
CLE
ALE
WE#
WP#
D0
D1
D2
D3
GND
CD#
VCC
D4
D5
D6
D7
LVD
GND
R/B#
RE#
CE#
VCC
Card Det. SW0
Card Det. SW1
CF
Insertion/
Activity
Indicator
VDDIO
VDDIO
VDDA
VCCEXT
GPIO14
SM
Insertion/
Activity
Indicator
VDDCF
FS-
R19 10K
Q2
R7
10 K
R17
100K
MA2
GPIO11
SD/MMC
Insertion/
Activity
Indicator
Q1
+
C1
10uF
MA16
MA15
VDDMS
VCCEXT
MA14
R5 39.2
1
2
D5
LED
D3
LED
MA8
R4 39.2
1
2
R20 100
R14
100
Q6
MOSFET P
USB97C210
(128 pin VTQFP)
U1
90
93
91
89
36
40
17
41
23
69
70
71
72
73
62
63
75
76
81
77
78
80
82
83
84
85
86
87
88
92
79
39
4
16
15
13
12
11
10
9
8
7
6
5
3
2
1
128
18
19
20
21
22
26
27
28
25
24
29
14
51
SM_nCE
SM_nCD
SM_nWPS
SM_nWP
SD_nWP
SD_DAT3
MA15
VDDIO
VSS
CF_nCS0
CF_nCS1
CF_SA0
CF_SA1
CF_SA2
CF_nCD1
CF_nCD2
SM_D0
SM_D1
VDDCORE
SM_D2
SM_D3
SM_D4
SM_D5
SM_D6
SM_D7
SM_ALE
SM_CLE
SM_nRE
SM_nWE
SM_nB/R
VSS
SD_DAT2
VDDIO
MA14
MA13
MA12
MA11
MA10
MA9
MA8
MA7
MA6
MA5
MA4
MA3
MA2
MA1
MA0
MD0
MD1
MD2
MD3
MD4
MD7
nMRD
nMWR
MD6
MD5
nMCE
VDDCORE
VSS
Y1
12.00Mhz
VDDIO
MA3
MA13
C9
.1uF
VDDSD
MA5
MA0
High Speed INIDICATOR
MA12
Q4
VDDIO
GPIO15
C12
.1uF
VDD
GPIO2
VDDIO
MA9
MA8
VDDSM
Q8
MOSFET P
+
C3
10uF
C11
.1uF
VDD
VDDIO,VDDA
Q9
MOSFET P
+
C4
10uF
SERIAL EEPROM
USB-
MA13
R16
100K
R8
1.5K 1/10W
5%
VDDIO
GPIO8
GPIO3
C13
.1uF
VDDSM
VDDMS
VDDIO
C14
.1uF
MA3
R11
100
C8
.1uF
MA14
VR1
2.5V Regulator
3
2
VIN
VOUT
MA9
MA1
Q7
MOSFET P
MA4
C10
.1uF
R18
VDDIO
R6
10 K
C7
.1uF
GPIO7
MA7
Q3
+
C2
10uF
MA7
Flash Card Power Control
MA2
VDDCF
VDD
D2
LED
MA6
R15
10 K
R21
1K
100K
VR2
3.3V Regulator
3
2
VIN
VOUT
R1
10.0K
1/10W
1%
GPIO4
VDDMS
GPIO10
MA0
VDDSM
USB+
MA11
GPIO5
MA11
MA15
MA1
D4
LED
P1
USB TYPE B
1
3
2
4
VCC
D+
D-
GND
Flash Card Power Control
VDDIO
MA12
C6
.1uF
R3
1M
R2
10K
J4 Memory _Stick
1
2
3
4
5
6
7
8
9
10
VSS
BS
VCC
SDIO
Reserv ed
INS
Reserv ed
SCLK
VCC
VSS
FS+
MA4
VDDIO
HS
Indicator
U2
39VF010 or equiv OTP/EPROM
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
22
24
31
1
13
14
15
17
18
19
20
21
32
16
30
3
2
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
CE
OE
WE
VPP
D0
D1
D2
D3
D4
D5
D6
D7
VCC
GND
NC
A15
A16
MA10
GPIO12
MA5
U3
93LC66A Serial EEPROM
1
2
3
4
5
6
7
8
CS
CLK
DI
DO
VSS
N.C.
N.C.
VCC
COMPACT FLASH MEDIA SOCKET
J1
Compact_Flash_1
J3 SD_Memory
1
2
3
4
5
6
7
8
9
10
12
CD/DAT3
CMD
VSS
VDD
CLK
VSS
DAT0
DAT1
DAT2
Write Protect
WP2
R12
100
Note 1: If firmware download is not required, a 64KB Flash
(39VF512) can be used. GPIO6 should be not connected and
left open.
VDDIO
D
USB97C210 (VTQFP) Typical Application
Custom
11
Tuesday , July 09, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
VDDSD
MA6
VDDSD
C17 22pf
C15
1µf
MS
Insertion/
Activity
Indicator
MA[0:15]
C5
.1uF
GPIO13
Q5
R13
100
C16
22pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com