Electronic Components Datasheet Search
  English  ▼

X  

USB97C210 Datasheet(PDF) 20 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 16Page - SMSC Corporation USB97C210 Datasheet HTML 17Page - SMSC Corporation USB97C210 Datasheet HTML 18Page - SMSC Corporation USB97C210 Datasheet HTML 19Page - SMSC Corporation USB97C210 Datasheet HTML 20Page - SMSC Corporation USB97C210 Datasheet HTML 21Page - SMSC Corporation USB97C210 Datasheet HTML 22Page - SMSC Corporation USB97C210 Datasheet HTML 23Page - SMSC Corporation USB97C210 Datasheet HTML 24Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 20
Revision 1.5 (11-05-03)
DATASHEET
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O8 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
uA
IOL = 8 mA @ VDDIO
= 3.3V
IOH = -4mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
I/O8 Type Buffer
Low Output Level
HIGH OUTPUT LEVEL
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 8 mA @ VDDIO
= 3.3V
IOH = -4 mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
I/O12 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 12 mA @ VDDIO
= 3.3V
IOH = -6mA @ VDDIO
= 3.3V
VIN = 0 to VDDIO
(Note 1)
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
VOL
VOH
IOL
2.4
-10
0.4
+10
V
V
µA
IOL = 24 mA @ VDDIO
= 3.3V
IOH = -12 mA @
VDDIO = 3.3V
VIN = 0 to VDDIO
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com