Electronic Components Datasheet Search
  English  ▼

X  

USB97C210 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB97C210
Description  USB 2.0 FLASH MEDIA CONTROLLER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C210 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB97C210 Datasheet HTML 8Page - SMSC Corporation USB97C210 Datasheet HTML 9Page - SMSC Corporation USB97C210 Datasheet HTML 10Page - SMSC Corporation USB97C210 Datasheet HTML 11Page - SMSC Corporation USB97C210 Datasheet HTML 12Page - SMSC Corporation USB97C210 Datasheet HTML 13Page - SMSC Corporation USB97C210 Datasheet HTML 14Page - SMSC Corporation USB97C210 Datasheet HTML 15Page - SMSC Corporation USB97C210 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
USB 2.0 Flash Media Controller
Datasheet
SMSC USB97C210
Page 12
Revision 1.5 (11-05-03)
DATASHEET
Chapter 4 Block Diagram
USB 2.0 PHY
( Transciever )
FAST 8051
CPU CORE
GPIO
8 pins
Configuration and Control
Clock Generation
SIE
( Serial Interface Engine )
Program Memory/ IO
Bus
Interrupt Controller
Latch phase 0, 2
SIE
Latch phase 3
8051
Latch phase 1
FMC
60MHz
32 Bit
Osc
Address
64 Bytes EP0TX
64 Bytes EP0RX
64 Bytes EP1TX
64 Bytes EP1RX
Auto address generators
Data @ 32 bit
15Mhz
SIE Control Regs
Address
Address
Address
Address
EP0RX_BC
RAMRD_A/B
EP0TX_BC
RAMWR_A/B
32 bit 15MHz Data Buss
CLOCKOUT
12 MHz
512 Bytes EP2 TX/RX Buffer A
1.25KB
SRAM
12K Byte
Program/Scratchpad
SRAM
Clocked byPhase 0, 2 Clock
Clocked by Phase 3 Clock
512 Bytes EP2 TX/RX Buffer B
Memory
Cards
Work Scratchpad
SRAM (768 Byte)
ECC
Control/
Status
SD
Controller
SD/MMC
Flash Media
Controllers
(FMC)
Control/
Status
MS
Controller
MS
Control/
Status
SM
Controller
SM/SSFDC
Control/
Status
CF
Controller
CF
Control/
Status
CRC
MEM/IO Bus
29pins
DATA
DATA
DATA
DATA
CRC
EP1TX_BC
EP1RX_BC
Address
Address
Flash Media DMA Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com