Electronic Components Datasheet Search
  English  ▼

X  

IP101GRI Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 11Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 12Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 13Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 14Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 15Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 16Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 17Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 18Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
IP101G
Data Sheet
15/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
IP101GA
Pin no.
Label
Type
Reset
Description
State
(PD)
(PD) For normal operation, this pin doesn’t need to be
connected.
Power and Ground
32
NC
--
--
It’s a NC pin.
8
REGOUT
P
P
Regulator Power Output:
This is a regulator power
output. A 10uF and 0.1uF should be connected to this pin
to filter the power noise.
14
VDDIO
P
P
Digital Power input:
Either 3.3V or 2.5V for I/O power supply.
36
AVDD33
P
P
3.3V Analog power input:
This is a 3.3V power supply
for analog circuitry, and it should be decoupled carefully.
35
AGND33
P
P
Ground
.
29
AGND1V
P
P
Ground
45,11,17 DGND
P
P
Ground
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com