Electronic Components Datasheet Search
  English  ▼

X  

IP101GRI Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 41Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 45Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 46Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 47Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 65 page
background image
IP101G
Data Sheet
Reduced Media Independent Interface (RMII) is defined to provide a fewer pins data transmission
condition. The management interface, MDC and MDIO, are identical to the MII defined in IEEE 802.3.
RMII supports 10/100Mb data rates and the clock source are provided by a single 50MHz clock from
either external or within IP101G. This clock is used as reference for transmit, receive and control. RMII
provides independent 2 bit wide transmit and receive data path, i.e., TXD[1:0] and RXD[1:0]. CRS_DV is
asserted when the receive medium is not idle and de-asserted when the medium is idle.
Before any transmission occurs, CRS_DV should be de-asserted and value “00” should be present in
both TXD[1:0] and RXD[1:0]. When transmission begins, IP101G will send “01” (TXD[1:0] = 01) for
preamble to indicate SFD, and also assert TX_EN synchronous with first nibble of the preamble. TX_EN
should be de-asserted until the end of the data transmission. At receiving mechanism, by receiving “01”
means a valid data is available. If the False carrier is detected, RXD[1:0] shall be “10” until the end of the
transmission. The MDI transmitter of IP101G can not enter low power idle (LPI) state, but can receive the
LPI signal from MDI path.
At 10Mbps mode, every 10
th cycle of REF_CLK will be sampled in RXD[1:0] and TXD[1:0], because the
REF_CLK frequency is 10 times faster than the data rate of the 10Mbps.
Figure 8 IP101G RMII Mode with internal clock Block Diagram
Figure 9 IP101G RMII Mode with external clock Block Diagram
44/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com