Electronic Components Datasheet Search
  English  ▼

X  

IP101GRI Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 60Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 61Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 62Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 63Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 64Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
IP101G
Data Sheet
7.4.4 SMI Timing
MDC/MDIO Timing Requirements
Table 19 SMI Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Tch
MDC High Time input
150
-
-
ns
Tcl
MDC Low Time input
150
-
-
ns
Tcm
MDC period input
300
-
-
ns
Tmd
MDIO output delay (read from PHY)
5
-
15
ns
Tmh
MDIO setup time (write to PHY)
10
-
-
ns
Tms
MDIO hold time (write to PHY)
10
-
-
ns
MDC
MDIO
Tms Tmh
Write Cycle
Tcl
Tch
Tcm
Tmd
MDC
MDIO
Read Cycle
Figure 23 SMI Timing Requirements
7.5 Thermal Data
Table 20 Thermal Data
Package
Theta JA
Theta JC
Psi JT
Units
PCB Layers
Conditions
83.2
42.8
10.7
oC/W
2
48-PIN LQFP
75.3
42.4
10.5
oC/W
4
49.1
30.6
13.7
oC/W
2
32-PIN QFN
35.2
26.3
5.0
oC/W
4
1) FR4 PCB size 113mm * 95.8mm,
2) 1oz Cu for each layer,
3) 1.6mm PCB thickness,
4) Air flow @ 0m/sec.
61/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com