Electronic Components Datasheet Search
  English  ▼

X  

IP101GRI Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 60Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 61Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 62Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 63Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 64Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 65Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
IP101G
Data Sheet
9
Physical Dimensions
9.1 48-PIN LQFP
63/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
F
SEATING
PLANE
1
12
13
24
25
36
37
48
Top view
E
E1
12"
12"
b
e
F y
1
12
13
24
25
36
37
48
L
L1
GAUGE PLANE
DETAIL "E"
"E"
θ
mm
inch
A
A1
1.600MAX.
A2
0.050~0.150
0.0630MAX.
b
1.400 0.05
0.0020~0.0059
c
0.200TYP
0.0551 0.0020
D1
0.127TYP
0.0078TYP
E1
e
D
0.500TYP
0.0050TYP
Unit
Symbols
y
L1
L
E
0"~7"
0.100MAX.
1.000REF
0.600 0.150
0"~7"
0.0039MAX.
0.0393REF
0.0236 0.006
0.0196TYP
+
-
+
-
0.2756 0.0039
+
-
7.000 0.100
+
-
7.000 0.100
+
-
0.2756 0.0039
+
-
+
-
+
-
9.000 0.250
0.3543 0.0098
+
-
+
-
9.000 0.250
0.3543 0.0098
+
-
+
-
Notes:
1. DIMENSION D1 & E1 DO NOT INCLUDE MOLD FLASH OR PROTRUSION.
2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
3. MAX. END FLASH IS 0.15mm.
4. MAX. DAMBAR PROTRUSION IS 0.13mm.
GENERAL APPEARANCE SPEC SHOULD BE BASED ON FINAL VISUAL INSPECTION SPEC.
2
Bottom view
Figure 24 48-PIN LQFP Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com