Electronic Components Datasheet Search
  English  ▼

X  

IP101GRI Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # IP101GRI
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GRI Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button IP101GRI Datasheet HTML 48Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 49Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 50Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 51Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 52Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 55Page - List of Unclassifed Manufacturers IP101GRI Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
IP101G
Data Sheet
52/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
5.4 LED Mode Configuration
IP101G provides 2 LED operation modes,
LED Mode 1
(default):
Table 6 LED Mode 1 Function
LED
Function
LED0
Link status: Active indicates the link has established
LED1
Duplex operation: Active indicates full duplex
LED2
10BT/ACT: Active indicates 10Mbps connection has established, and blinking while
TX/RX events occur.
LED3
100BT/ACT: Active indicates 100Mbps connection has established, and blinking while
TX/RX events occur.
LED Mode 2
(could be set by pulling up pin CRS/LEDMOD with a 4.7K resistor):
Table 7 LED Mode 2 Function
LED
Function
LED0
Link/ACT: Active indicates the link has established, and blinking while TX/RX events
occur.
LED1
Duplex/COL: Active indicates full duplex, and blinking while collision events occur.
LED2
10BT: Active indicates 10Mbps connection has established
LED3
100BT: Active indicates 100Mbps connection has established
5.5 LED Blink Timing
Table 8 LED Blink Timing
LED mode
Blinking speed
Active LED blink
On 26ms -> Off 78ms -> On 26ms -> Off 78ms …
Collision LED blink
On 26ms -> Off 78ms -> On 26ms -> Off 78ms …
5.6 Repeater Mode
To enter Repeater mode, one can set 1 to bit 2 of Register 16 will allow IP101G to enter Repeater mode.
If IP101G is used in repeater, CRS will be high if IP101G is in a process of receiving packets. While
IP101G is used in a network interface card, CRS will be generated in both transmitting and receiving
packets.
5.7 Interrupt
IP101G provides 4 kinds of interrupt function: speed change, duplex change, link change and arbiter
state change. Interrupt masks could be selected by Reg 17, and an active low interrupt will be sent from
INTR or INTR_32 pin when event occurs.
5.8 Miscellaneous
ISET pin should be connected to GND via a 6.19K ohm resistor with 1% accuracy to ensure a correct
driving current for transmit DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com