Electronic Components Datasheet Search
  English  ▼

X  

IP101GR Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # IP101GR
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GR Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button IP101GR Datasheet HTML 20Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 21Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 22Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 23Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
IP101G
Data Sheet
24/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
Register 6 defines more auto-negotiation registers to meet the requirement.
Bit
Name
Description/Usage
Default value
(h):
0004
Register 6 : Auto-Negotiation Expansion Register
15:5 Reserved
This bit is always set to 0.
0, RO
4
MLF
This status indicates if a multiple link fault has occurred.
1 = fault occurred
0 = no fault occurred
0, RO
3
LP_NP_ABLE
This status indicates if the link partner supports Next Page
negotiation.
1 = supported
0 = not supported
0, RO
2
NP_ABLE
This bit indicates if the device is able to send additional Next
Pages.
1, RO
1
PAGE_RX
This bit will be set if a new link code word page has been
received. It is cleared automatically after the auto-negotiation
link partner’s ability register (register 5) is read by the
management.
0, RO
0
LP_NW_ABLE
1 = link partner supports auto-negotiation.
0, RO
Register 7 defines more auto-negotiation registers to meet the requirement.
Bit
Name
Description/Usage
Default value
(h):
2001
Register 7 : Auto-Negotiation Next Page Transmit Register
15
Next Page
Next Page
Transmit Code Word Bit 15
0, RW
14
Reserved
Reserved
Transmit Code Word Bit 14
0, RW
13
Message Page
Message Page
Transmit Code Word Bit 13
1, RW
12
Acknowledge 2
Acknowledge 2
Transmit Code Word Bit 12
0, RW
11
Toggle
Toggle
Transmit Code Word Bit 11
0, RW
[10:0] Message/Unformatt
ed Field
Message/Unformatted Field
Transmit Code Word Bit 10:0
1, RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com