Electronic Components Datasheet Search
  English  ▼

X  

IP101GR Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP101GR
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GR Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP101GR Datasheet HTML 24Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 25Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 26Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 27Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
IP101G
Data Sheet
28/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MII page16 register29
page
MII
ROM R/W
Description
Default
Digital I/O Specific Control Register
29[15:13]
RO Reserved
3’b000
29[12:8]
R/W PHY_ADDRESS
The initial PHY address [4:0] is determined via pin setting in
Table 4 PHY Address Configuration. If user changes the
register of PHY_ADDRESS, the SMI(MDC/MDIO) read/write
command should change “PHY address” value at the same
time.
Pin
setting
29[7]
R/W RMII_WITH_ER
1: enable TXER/RXER function in RMII mode.
0: disable TXER/RXER function in RMII mode.
1
29[6:3]
R/W Reserved
4’b0000
29[2]
R/W SEL_INTR32
The multiplex function is for 32pin package at pin21
RXER/INTR_32.
1: INTR function
0: RXER function
0
16
29[1:0]
R/W Reserved
2’b10
The other Registers are reserved registers. User is inhibited to access to these registers. It may
introduce abnormal function to write these registers.
MII page16 register30
page
MII
ROM R/W
Description
Default
PHY MDI/MDIX Control and Specific Status Register
30[15:9]
RO Reserved
0
30[8]
RO LINK_UP
To indicate the link status is OK or FAIL
0
30[7:4]
RO Reserved
0
30[3]
R/W FORCE_MDIX
Set high to force the MDIX channel to be selected.
1: Force the MDIX channel to be selected.
0: MDI channel is selected when auto-MDIX is turned off.
When IP101G operates in Force 10Mbps mode or APS mode,
this bit is not able to write.
0
16
30[2:0]
RO OP_MODE_IND
Operation Mode Idicator
000= Link off
001= 10M Half
010= 100M Half
011= Reserved
100= Reserved
101= 10M Full
110= 100M Full
111= Reserved
3’b000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com