Electronic Components Datasheet Search
  English  ▼

X  

IP101GR Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # IP101GR
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GR Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button IP101GR Datasheet HTML 37Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 38Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 39Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 40Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 41Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 42Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 43Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 44Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
IP101G
Data Sheet
41/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
5
Function Description
IP101G 10/100Mbps Ethernet PHY Transceiver integrates 100 Base-TX and 10 Base-T modules into a
single chip. IP101G acts as an interface between physical signaling and Media Access Controller (MAC).
IP101G has several major functions:
1. PCS layer (Physical Coding Sub-Layer): This function contains transmit, receive and carrier sense
functional circuitries.
2. Management interface: Media Independent Interface (MII) or Reduced Management Interface
(RMII) registers contains information for communication with other MAC.
3. Auto-Negotiation: Communication conditions between 2 PHY transceivers. IP101G advertise its
own ability and also detects corresponding operational mode from the other party, eventually both
sides will come to an agreement for their optimized transmission mode.
5.1 Major Functional Block Description
The functional blocks diagram is referred to Figure 1:
a.
4B/5B encoder:
100 Base-X transmissions require converting 4-bit nibble data into 5-bit wide data
code-word format. Transmitting data is packaged by J/K codes at the start of packet and by T/R
codes at the end of packet in the 4B/5B block. When transmit error has occurred during a
transmitting process, the H error code will be sent. The idle code is sent between two packets.
b. 4B/5B Decoder:
The decoder performs the 5B/4B decoding from the received code-groups. The 5
bits (5B) data is decoded into four bits nibble data. The decoded 4 bit (4B) data is then forwarded
through MII to the repeater, switch or MAC device. The SSD is then converted into 4B 5 nibbles and
the ESD and IDLE Codes are replaced by 4B 0 nibbles data. The decoded data is driven onto the
corresponding MII port or shared MII port. Receiving an invalid code group will cause PHY to assert
the MII RXER signal.
c.
Scrambler/Descrambler:
Repetitive patterns exist in 4B/5B encoded data which result in large RF
spectrum peaks and keep the system from being approved by regulatory agencies. The peak in the
radiated signal is reduced significantly by scrambling the transmitted signal. Scrambler adds a
random generator to the data signal output. The resulting signal is with fewer repetitive data patterns.
The scrambled data stream is descrambled at the receiver by adding another random generator to
the output. The receiver’s random generator has the same function as the transmitter’s random
generator. Scrambler operation is dictated by the 100Base-TX and TP_FDDI standards.
d. NRZI/MLT-3(Manchester) Encoder and Decoder:
100Base-TX Transmission requires encoding
the data into NRZ format and again converted into MLT-3 signal, while 10 Base-T will convert into
Manchester form after NRZ coding. This helps to remove the high frequency noise generated by the
twisted pair cables. At receiving end, the coding is reversed from MLT-3 (Manchester) signal back to
NRZ format.
e. Clock Recovery: The receiver circuit recovers data from the input stream by regenerating clocking
information embedded in the serial stream. The clock recovery block extracts the RXCLK from the
transition of received
f.
DSP Engine:
This block includes Adaptive equalizer and Base Line Wander correction function.
5.1.1 Transmission Description
10Mbps Transmit flow path:
TXD
Parallel to Serial
NRZI/Manchester Encoder
D/A & line driver
TXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com