Electronic Components Datasheet Search
  English  ▼

X  

IP101GR Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # IP101GR
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GR Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button IP101GR Datasheet HTML 28Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 29Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 30Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 31Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 32Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 33Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 34Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 35Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
IP101G
Data Sheet
32/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
MMD register 3.20
page
MII
ROM
R/W
Description
Default
--
3.20.6
RO 10GBASE-KR EEE
1 = EEE is supported for 10GBASE-KR
0 = EEE is not supported for 10GBASE-KR
0
--
3.20.5
RO 10GBASE-KX4 EEE
1 = EEE is supported for 10GBASE-KX4
0 = EEE is not supported for 10GBASE-KX4
0
--
3.20.4
RO 1000BASE-KX EEE
1 = EEE is supported for 1000BASE-KX
0 = EEE is not supported for 1000BASE-KX
0
--
3.20.3
RO 10GBASE-T EEE
1 = EEE is supported for 10GBASE-T
0 = EEE is not supported for 10GBASE-T
0
--
3.20.2
RO 1000BASE-T EEE
1 = EEE is supported for 1000BASE-T
0 = EEE is not supported for 1000BASE-T
0
--
3.20.1
RO 100BASE-TX EEE
1 = EEE is supported for 100BASE-TX
0 = EEE is not supported for 100BASE-TX
1
--
3.20.0
RO Reserved
Ignore when read
0
MMD register 3.22
page
MII
ROM
R/W
Description
Default
EEE Wake Error Count Register
--
3.22[15:0]
RO
(SC)
EEE wake error count
Count wake time faults where IP101G fails to complete its
normal wake sequence within the time required for the specific
PHY type.
0x0000
MMD register 7.60
page
MII
ROM
R/W
Description
Default
EEE Advertisement Register
--
7.60[15:7]
RO Reserved
Ignore when read
0
--
7.60.6
RO 10GBASE-KR EEE
1 = Advertise that the 10GBASE-KR has EEE capability
0 = Do not advertise that the 10GBASE-KR has EEE capability
0
--
7.60.5
RO 10GBASE-KX4 EEE
1 = Advertise that the 10GBASE-KX4 has EEE capability
0 = Do not advertise that the 10GBASE-KX4 has EEE capability
0
--
7.60.4
RO 1000BASE-KX EEE
1 = Advertise that the 1000BASE-KX has EEE capability
0 = Do not advertise that the 1000BASE-KX has EEE capability
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com