Electronic Components Datasheet Search
  English  ▼

X  

IP101GR Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # IP101GR
Description  Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP101GR Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button IP101GR Datasheet HTML 53Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 54Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 55Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 56Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 57Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 58Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 59Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 60Page - List of Unclassifed Manufacturers IP101GR Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 65 page
background image
IP101G
Data Sheet
57/65
January 14, 2014
Copyright © 2011, IC Plus Corp.
IP101G-DS-R01
Symbol Specific Name
Minimum
Typical
Maximum
Condition
tr / tf
Fiber Rise time & Fall time on
TXOP, TXOM
6ns
Table 12 Pin Latched-in Configuration Resistor
I/O Voltage
Pull-up/ Pull-down Resistor
Condition
VDDIO
5.1KΩ
7.3 Crystal Specifications
Table 13 Crystal Specifications
Item
Parameter
Range
1
Nominal Frequency
25.000 MHz
2
Oscillation Mode
Fundamental Mode
3
Frequency Tolerance at 25℃
+/- 50 ppm
4
Temperature Characteristics
+/- 50 ppm
5
Operating Temperature Range
-10℃~ +70℃ or -40℃~ +85℃
6
Equivalent Series Resistance
40 ohm Max.
7
Drive Level
100μW typical
8
Load Capacitance
20 pF, or specify
9
Shunt Capacitance
7 pF Max
10
Insulation Resistance
Mega ohm Min./DC 100V
11
Aging Rate A Year
+/- 5 ppm/year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com