Electronic Components Datasheet Search
  English  ▼

X  

MPQ8112 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MPQ8112 Datasheet HTML 1Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 2Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 3Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 4Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 5Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 6Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 7Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE, CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
4
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
OUT
Output. The MPQ8112 does not require an external resistor, so the OUT pin can be left
floating. For the MPQ8112A, connect an external resistor to OUT to set the gain.
2
RG2
Negative gain resistor. For the MPQ8112, connect RG2 directly to the load side of the
current-sense resistor, as closely as possible. For the MPQ8112A, connect RG2 to the load
side of the current-sense resistor through a gain resistor (RG2). RG2 should be below 4k
Ω to
obtain high current-sense accuracy. It is recommended for RG2 and RG1 to equal 1k
Ω.
3
RG1
Positive gain resistor. For the MPQ8112, connect RG1 directly to the power side of the
current-sense resistor, as closely as possible. For the MPQ8112A, connect RG1 to the
power side of the current-sense resistor through a gain resistor (RG1). RG1 should be below
4k
Ω to obtain the high current-sense accuracy. It is recommended for RG1 to equal 1kΩ.
4
VCC
Power input. Place a bypass capacitor between VCC and GND, as close as possible. A
0.1µF to 1µF low-ESR ceramic capacitor is recommended.
5
GND
Ground.
6
V5
Power supply for internal trim and control block. Pull V5 above its 2V upper threshold to
enable the part. Pull V5 below its 1.9V lower threshold to disable the part. The power
source connected to V5 must be able to output a current above 1mA. Place a bypass
capacitor between V5 and GND. A 10nF to 100nF low-ESR ceramic capacitor is
recommended.
ABSOLUTE MAXIMUM RATINGS (1)
VCC to GND ..................................-0.3V to +62V
RG1, RG2 to GND ......................... -0.3V to VCC
VCC to RG1, RG2 .........................-0.3V to +62V
OUT to GND ............ -0.3V to +22V (MPQ8112)
OUT to GND ............ -0.3V to VCC (MPQ8112A)
Differential input voltage (VRG1 - VRG2)... ±400mV
V5 to GND .....................................-0.3V to +6V
Max junction temperature .........................150°C
Storage temperature ................ -65°C to +150°C
Continuous power dissipation (TA = 25°C) (2)
TSOT23-6L .............................................. 0.57W
ESD Ratings (3)
Human body model (HBM).........................±2kV
Charged device model (CDM)..................±750V
Recommended Operating Conditions
Vcc to GND ...................................... 2.7V to 60V
RG1, RG2 to GND ...............................0V to VCC
VCC to RG1, RG2 ...............................0V to 60V
OUT to GND ................... 0V to 20V (MPQ8112)
OUT to GND ....... 0V to VCC - 0.7V (MPQ8112A)
Operating junction temp (TJ)..............................
………………………………...-40°C to +125°C (4)
Thermal Resistance (5)
θJA
θJC
TSOT23-6L ............................ 220 .... 110.. °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) These devices are ESD-sensitive. It is recommended to
handle them with precaution.
4) It is possible to operate the devices at junction temperatures
above 125°C. Contact an MPS FAE for details.
5)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com