Electronic Components Datasheet Search
  English  ▼

X  

MPQ8112 Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 10Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 11Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 12Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 13Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 14Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 15Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
12
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PCB Layout Guidelines (10)
Efficient PCB layout, especially for the sensing
resistor and output resistor placement, affects
measurement accuracy. For the best results,
refer to Figure 6 and follow the guidelines below:
1. To minimize any resistance in series with
sensing resistor trace, connect the RG1 and
RG2 pins as close as possible to the sensing
resistor.
2. Connect the bypass capacitors close to the
device pins to decouple the power supply
noise.
Top Layer
Bottom Layer
Figure 6: Recommended PCB Layout
Note:
10) The recommended PCB layout is based on Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com