Electronic Components Datasheet Search
  English  ▼

X  

MPQ8112 Datasheet(PDF) 7 Page - MPS Industries, Inc.

Part # MPQ8112
Description  60V, High-Side Current-Sense Amplifier,AEC-Q100 Qualified
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ8112 Datasheet(HTML) 7 Page - MPS Industries, Inc.

Back Button MPQ8112 Datasheet HTML 3Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 4Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 5Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 6Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 7Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 8Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 9Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 10Page - MPS Industries, Inc. MPQ8112 Datasheet HTML 11Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MPQ8112/MPQ8112A
– 60V, HIGH-SIDE CURRENT-SENSE AMPLIFIER
MPQ8112/MPQ8112A Rev. 1.0
www.MonolithicPower.com
7
7/7/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTIC (continued)
VCC = 12V, VRG1 = 12V, V5 = 5V, TA = 25°C. RG1 = RG2 = 0Ω, and ROUT not used for the MPQ8112.
RG1 = RG2 = 1kΩ, and ROUT = 10kΩ for the MPQ8112A. All unless otherwise noted.
Total Output Error vs. VSENSE
VCC = VCM
Total Output Error vs. VSENSE
VCM = 0V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
25
50
75
100 125 150 175 200
VSENSE (mV)
Vcc=VCM=12V
Vcc=VCM=48V
Vcc=VCM=60V
-2
0
2
4
6
8
0
25
50
75
100 125 150 175 200
VSENSE (mV)
Vcc=12V
Vcc=48V
Vcc=60V
Total Output Error vs. VSENSE
VCC = VCM
Total Output Error vs. VSENSE
VCM = 0V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
25
50
75
100 125 150 175 200
VSENSE (mV)
Ta=+25°C
Ta=+155°C
Ta=-55°C
-2
0
2
4
6
8
0
25
50
75
100 125 150 175 200
VSENSE (mV)
Ta=+25°C
Ta=+155°C
Ta=-55°C
Gain vs. Frequency
COUT = 5pF
-10
-5
0
5
10
15
20
25
30
35
40
0.1
1
10
100
1000
10000
FREQUENCY (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com